Electronic Components Datasheet Search
  English  ▼

X  

TSC1214 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSC1214
Description  Low-side digital power monitor, with I²C bus interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSC1214 Datasheet(HTML) 1 Page - STMicroelectronics

  TSC1214 Datasheet HTML 1Page - STMicroelectronics TSC1214 Datasheet HTML 2Page - STMicroelectronics TSC1214 Datasheet HTML 3Page - STMicroelectronics TSC1214 Datasheet HTML 4Page - STMicroelectronics TSC1214 Datasheet HTML 5Page - STMicroelectronics TSC1214 Datasheet HTML 6Page - STMicroelectronics TSC1214 Datasheet HTML 7Page - STMicroelectronics TSC1214 Datasheet HTML 8Page - STMicroelectronics TSC1214 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Features
•
14-bit ADC for current sensing and ±80 mV range
•
11-bit ADC for voltage and temperature
•
2.7 V to 4.5 V power supply voltage
•
Low-side and bidirectional current sensing
•
Internal die temperature monitoring
•
I²C digital interface for device control
•
Internal 32768 Hz time base
•
Operating free air temperature range: -40 °C to +85 °C
Applications
•
Low voltage power supply monitoring
Description
The TSC1214 is a digital current, voltage, and temperature monitoring Analog Front
End (AFE), meant to monitor a low voltage power supply. It implements a double
monitoring path for current based on a 14-bit ADC and voltage or temperature based
on an 11-bit ADC. The device is programmable through the I²C interface.
The TSC1214 comes in a plastic MiniSO8 package and can operate in the -40 °C to
+85 °C ambient temperature range.
MiniSO8
Maturity status link
TSC1214
Low-side digital power monitor, with I²C bus interface
TSC1214
Datasheet
DS14731 - Rev 1 - August 2024
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - TSC1214

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSC12 ETC1-TSC12 Datasheet
534Kb / 4P
EURO TERMINAL BLOCKS
logo
Taiwan Semiconductor Co...
TSC1203ECMRNG TSC-TSC1203ECMRNG Datasheet
81Kb / 1P
High Voltage NPN Transistor High switching speed BVCBO 1050V
TSC128D TSC-TSC128D Datasheet
324Kb / 5P
High Voltage Fast-Switching NPN Power Transistor
TSC128DCMRN TSC-TSC128DCMRN Datasheet
214Kb / 6P
High Voltage NPN Transistor with Diode
TSC128DCZ TSC-TSC128DCZ Datasheet
324Kb / 5P
High Voltage Fast-Switching NPN Power Transistor
More results

Similar Description - TSC1214

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT62P1 ETC-WT62P1 Datasheet
416Kb / 48P
microcontroller for digital controlled monitor with Universal Serial Bus (USB) interface
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688 Datasheet
407Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 1; 12/09
logo
International Rectifier
IR3725 IRF-IR3725 Datasheet
773Kb / 19P
INPUT POWER MONITOR WITH DIGITAL INTERFACE
logo
Maxim Integrated Produc...
MAX8688 MAXIM-MAX8688_11 Datasheet
463Kb / 38P
Digital Power-Supply Controller/Monitor with PMBus Interface
Rev 2; 2/11
logo
International Rectifier
IR3725 IRF-IR3725_11 Datasheet
435Kb / 19P
INPUT POWER MONITOR WITH DIGITAL INTERFACE
logo
Texas Instruments
INA230 TI1-INA230_13 Datasheet
796Kb / 35P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
INA230 TI1-INA230_17 Datasheet
924Kb / 37P
High- or Low-Side Measurement, Bidirectional CURRENT/POWER MONITOR with I2C Interface
logo
Golledge Electronics Lt...
RV1805C3 GOLLEDGE-RV1805C3_18 Datasheet
758Kb / 5P
RTC I C Bus Low Power
RV8523C3 GOLLEDGE-RV8523C3_18 Datasheet
743Kb / 5P
RTC I C bus Low Power
logo
Analog Devices
ADM1293 AD-ADM1293 Datasheet
777Kb / 48P
Digital Power Monitor with PMBus Interface
3/15-Rev. A to Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com