Electronic Components Datasheet Search
  English  ▼

X  

AD7768BSTZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD7768BSTZ
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz Bandwidth
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768BSTZ Datasheet(HTML) 3 Page - Analog Devices

  AD7768BSTZ Datasheet HTML 1Page - Analog Devices AD7768BSTZ Datasheet HTML 2Page - Analog Devices AD7768BSTZ Datasheet HTML 3Page - Analog Devices AD7768BSTZ Datasheet HTML 4Page - Analog Devices AD7768BSTZ Datasheet HTML 5Page - Analog Devices AD7768BSTZ Datasheet HTML 6Page - Analog Devices AD7768BSTZ Datasheet HTML 7Page - Analog Devices AD7768BSTZ Datasheet HTML 8Page - Analog Devices AD7768BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 106 page
background image
Data Sheet
AD7768/AD7768-4
TABLE OF CONTENTS
analog.com
Rev. C | 3 of 106
Digital Filter RAM Built In Self Test (BIST)
Register.......................................................... 99
Status Register.................................................99
Revision Identification Register...................... 100
GPIO Control Register................................... 100
GPIO Write Data Register.............................. 100
GPIO Read Data Register..............................101
Analog Input Precharge Buffer Enable
Register Channel 0 and Channel 1 ............. 101
Analog Input Precharge Buffer Enable
Register Channel 2 and Channel 3.............. 101
Positive Reference Precharge Buffer Enable
Register........................................................ 102
Negative Reference Precharge Buffer
Enable Register............................................102
Offset Registers..............................................102
Gain Registers................................................103
Sync Phase Offset Registers......................... 103
ADC Diagnostic Receive Select Register.......103
ADC Diagnostic Control Register................... 104
Modulator Delay Control Register.................. 104
Chopping Control Register............................. 105
Outline Dimensions........................................... 106
Ordering Guide...............................................106
Evaluation Boards.......................................... 106
REVISION HISTORY
8/2022—Rev. B to Rev. C
Changes to Features Section.......................................................................................................................... 1
Changes to General Description Section.........................................................................................................4
Changes to Specifications Section.................................................................................................................. 5
Changes to Table 9........................................................................................................................................22
Changes to Table 10......................................................................................................................................26
Changes to Figure 28 Caption....................................................................................................................... 32
Change to AC Common-Mode Rejection Ratio (AC CMRR) Section............................................................ 40
Changes to Power Supplies Section..............................................................................................................46
Changes to Recommended Power Supply Configuration Section.................................................................46
Changes to Analog Supply Internal Connectivity Section..............................................................................47
Changes to Pin Control Section.....................................................................................................................47
Change to SPI Control Functionality Section.................................................................................................51
Changes to Reset over SPI Control Interface Section...................................................................................52
Changes to CRC Protection Section..............................................................................................................53
Changes to ADC Synchronization over SPI Section......................................................................................53
Changes to Clock Selection Section..............................................................................................................58
Change to Table 28 Title................................................................................................................................ 60
Change to Table 29 Title................................................................................................................................ 61
Changes to Modulator Saturation Point Section............................................................................................ 64
Changes to Gain Adjustment Section............................................................................................................ 64
Changes to Daisy-Chaining Section.............................................................................................................. 71
Changes to Table 43......................................................................................................................................81
Change to Interface Configuration Register Section......................................................................................83
Changes to Digital Filter RAM Built In Self Test (BIST) Register Section...................................................... 83
Changes to Status Register Section.............................................................................................................. 84
Changes to Offset Registers Section.............................................................................................................88
Changes to Table 63......................................................................................................................................92
Changes to Table 67......................................................................................................................................96
Changes to Interface Configuration Register Section....................................................................................98
Changes to Digital Filter RAM Built In Self Test (BIST) Register Section...................................................... 99
Changes to Status Register Section.............................................................................................................. 99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com