Electronic Components Datasheet Search
  English  ▼

X  

AD7768BSTZ Datasheet(PDF) 96 Page - Analog Devices

Part # AD7768BSTZ
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz Bandwidth
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768BSTZ Datasheet(HTML) 96 Page - Analog Devices

Back Button AD7768BSTZ Datasheet HTML 92Page - Analog Devices AD7768BSTZ Datasheet HTML 93Page - Analog Devices AD7768BSTZ Datasheet HTML 94Page - Analog Devices AD7768BSTZ Datasheet HTML 95Page - Analog Devices AD7768BSTZ Datasheet HTML 96Page - Analog Devices AD7768BSTZ Datasheet HTML 97Page - Analog Devices AD7768BSTZ Datasheet HTML 98Page - Analog Devices AD7768BSTZ Datasheet HTML 99Page - Analog Devices AD7768BSTZ Datasheet HTML 100Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 106 page
background image
Data Sheet
AD7768/AD7768-4
AD7768-4 REGISTER MAP DETAILS (SPI CONTROL)
analog.com
Rev. C | 96 of 106
Table 66. Bit Descriptions for Channel Mode B
Bits
Bit Name
Settings
Description
Reset
Access
101 ×1024
110 ×1024
111 ×1024
CHANNEL MODE SELECT REGISTER
Address: 0x03, Reset: 0x00, Name: Channel Mode Select
This register selects the mapping of each ADC channel to either Channel Mode A or Channel Mode B.
Table 67. Bit Descriptions for Channel Mode Select
Bits
Bit Name
Settings
Description
Reset
Access
5
CH_3_MODE
Channel 3.
0x0
RW
0 Mode A.
1 Mode B.
4
CH_2_MODE
Channel 2.
0x0
RW
0 Mode A.
1 Mode B.
3
CH_3_MDE_EN
Channel 3 Mode Enable. This bit must be same as CH_3_MODE bit.
0x0
RW
0 Mode A.
1 Mode B.
2
CH_2_MDE_EN
Channel 2 Mode Enable. This bit must be same as CH_2_MODE bit.
0x0
RW
0 Mode A.
1 Mode B.
1
CH_1_MODE
Channel 1.
0x0
RW
0 Mode A.
1 Mode B.
0
CH_0_MODE
Channel 0.
0x0
RW
0 Mode A.
1 Mode B.
POWER MODE SELECT REGISTER
Address: 0x04, Reset: 0x00, Name: POWER_MODE
Table 68. Bit Descriptions for POWER_MODE
Bits
Bit Name
Settings
Description
Reset
Access
7
SLEEP_MODE
In sleep mode, many of the digital clocks are disabled and all of the ADCs are disabled. The analog
LDOs are not disabled.
0x0
RW
The AD7768-4 SPI is live and is available to the user. Writing to this bit brings the AD7768-4 out of
sleep mode again.
0 Normal operation.
1 Sleep mode.
[5:4]
POWER_MODE
Power Mode. The power mode bits control the power mode setting for the bias currents used on all
ADCs on the AD7768-4. The user can select the current consumption target to meet the application.
The power modes of fast, median, and low power give optimum performance when mapped to the
correct MCLK division setting. These power mode bits do not control the MCLK division of the ADCs.
See the MCLK_DIV bits for control of the division of the MCLK input.
0x0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com