Electronic Components Datasheet Search
  English  ▼

X  

AD7768BSTZ Datasheet(PDF) 27 Page - Analog Devices

Part # AD7768BSTZ
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz Bandwidth
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768BSTZ Datasheet(HTML) 27 Page - Analog Devices

Back Button AD7768BSTZ Datasheet HTML 23Page - Analog Devices AD7768BSTZ Datasheet HTML 24Page - Analog Devices AD7768BSTZ Datasheet HTML 25Page - Analog Devices AD7768BSTZ Datasheet HTML 26Page - Analog Devices AD7768BSTZ Datasheet HTML 27Page - Analog Devices AD7768BSTZ Datasheet HTML 28Page - Analog Devices AD7768BSTZ Datasheet HTML 29Page - Analog Devices AD7768BSTZ Datasheet HTML 30Page - Analog Devices AD7768BSTZ Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 106 page
background image
Data Sheet
AD7768/AD7768-4
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
analog.com
Rev. C | 27 of 106
Table 10. AD7768-4 Pin Function Descriptions
Pin No.
Mnemonic
Type1
Description
In SPI control mode, the GPIOx pins, in addition to the FILTER/GPIO4 pin, form five general-purpose input/output
pins (GPIO4 to GPIO0). See Table 75 for more details.
16
ST0/CS
DI
Standby 0/Chip Select Input.
In pin control mode, a Logic 1 on this pin places Channel 0 to Channel 3 into standby mode.
In SPI control mode, this pin is the active low chip select input to the SPI control interface.
The VCM voltage output is associated with the Channel 0 circuitry. If Channel 0 is put into standby mode, the
VCM voltage output is also disabled for maximum power savings. Channel 0 must be enabled while VCM is
being used externally to the AD7768-4. The crystal excitation circuitry is associated with the Channel 2 circuitry. If
Channel 2 is put into standby mode, the crystal circuitry is also disabled for maximum power savings. Channel 2
must be enabled while the external crystal is used on the AD7768-4.
17
SCLK
DI
Serial Clock Input.
In SPI control mode, this pin is the serial clock input pin for the SPI control interface.
In pin control mode, tie this pin to a Logic 0 or DGND.
18
DEC1/SDI
DI
Decimation Rate Control Input 1/Serial Data Input.
In pin control mode, the DEC0 pin and DEC1 pin configure the decimation rate for all ADC channels. See Table
17 in the Setting the Decimation Rate section.
In SPI control mode, this pin is the serial data input pin used to write data to the AD7768-4 register bank.
19
DEC0/SDO
DI/O
Decimation Rate Control Input 0/Serial Data Output.
In pin control mode, the DEC0 pin and DEC1 pin configure the decimation rate for all ADC channels. See Table
17 in the Setting the Decimation Rate section.
In SPI control mode, this pin is the serial data output pin, allowing readback from the AD7768-4 registers.
20
DNC/DGND
DO/DI
Do Not Connect/Digital Ground. This is an unused pin. Leave this pin floating if FORMAT0 is tied to logic low. If
FORMAT0 is tied to logic high, connect this pin to DGND through a pull-down resistor.
21
DIN
DI
Data Input Daisy Chain. This pin acts as a digital input from a separate AD7768-4 device if configured in a
synchronized multidevice daisy chain. To use this pin in a daisy chain, hardwire the FORMAT0 pin to logic high.
If FORMAT0 is tied to logic low, or the daisy-chaining input pin is not used, then tie this pin to DGND through a
pull-down resistor.
22, 23
DNC
DO
Do Not Connect. Do not connect to this pin.
24
DOUT3
DO
Conversion Data Output 3. This pin is synchronous to DCLK and framed by DRDY.
25
DOUT2
DO
Conversion Data Output 2. This pin is synchronous to DCLK and framed by DRDY.
26
DOUT1
DO
Conversion Data Output 1. This pin is synchronous to DCLK and framed by DRDY.
27
DOUT0
DO
Conversion Data Output 0. This pin is synchronous to DCLK and framed by DRDY.
28
DCLK
DO
ADC Conversion Data Clock. This pin clocks conversion data out to the digital host (DSP/FPGA). This pin is
synchronous with DRDY and any conversion data output on DOUT0 to DOUT3 and is derived from the MCLK
signal. This pin is unrelated to the control SPI interface.
29
DRDY
DO
Data Ready. DRDY is a periodic signal output framing the conversion results from the four ADCs. This pin is
synchronous to DCLK and DOUT0 to DOUT3.
30
RESET
DI
Hardware Asynchronous Reset Input. After the device is fully powered up, it is recommended to perform a hard
reset using this pin or, alternatively, to perform a soft reset by issuing a reset over the SPI control interface.
31
XTAL1
DI
Input 1 for Crystal or Connection to an LVDS Clock. When CLK_SEL is 0, connect XTAL1 to DGND. In SPI
control mode, when using a crystal source, the FILTER pin must be set to Logic 1 for correct operation. When
used with an LVDS clock, it is recommended that this pin be connected to one trace of the LVDS signal pair.
When used as an LVDS input, a rising edge on this pin is detected as a rising MCLK edge by the AD7768-4.
32
XTAL2/MCLK
DI
Input 2 for CMOS/Crystal/LVDS Sampling Clock. See the CLK_SEL pin for the details of this configuration.
External crystal: XTAL2 is connected to the external crystal. In SPI control mode, when using a crystal source,
the FILTER pin must be set to Logic 1 for correct operation.
LVDS: when used with an LVDS clock, connect this pin to the second trace of the LVDS signal pair.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com