Electronic Components Datasheet Search
  English  ▼

X  

AD7768BSTZ Datasheet(PDF) 49 Page - Analog Devices

Part # AD7768BSTZ
Description  8-/4-Channel, 24-Bit, Simultaneous Sampling ADCs with Power Scaling, 110.8 kHz Bandwidth
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7768BSTZ Datasheet(HTML) 49 Page - Analog Devices

Back Button AD7768BSTZ Datasheet HTML 45Page - Analog Devices AD7768BSTZ Datasheet HTML 46Page - Analog Devices AD7768BSTZ Datasheet HTML 47Page - Analog Devices AD7768BSTZ Datasheet HTML 48Page - Analog Devices AD7768BSTZ Datasheet HTML 49Page - Analog Devices AD7768BSTZ Datasheet HTML 50Page - Analog Devices AD7768BSTZ Datasheet HTML 51Page - Analog Devices AD7768BSTZ Datasheet HTML 52Page - Analog Devices AD7768BSTZ Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 106 page
background image
Data Sheet
AD7768/AD7768-4
APPLICATIONS INFORMATION
analog.com
Rev. C | 49 of 106
Figure 77. AD7768-4 Pin Configurable Functions
Table 20. MODEx Selection Details: Pin Control Mode
Mode Hex.
MODE3
MODE2
MODE1
MODE0
Power Mode
DCLK Frequency
Data Conversion
0x0
0
0
0
0
Low power
MCLK/1
Standard
0x1
0
0
0
1
Low power
MCLK/2
Standard
0x2
0
0
1
0
Low power
MCLK/4
Standard
0x3
0
0
1
1
Low power
MCLK/8
Standard
0x4
0
1
0
0
Median
MCLK/1
Standard
0x5
0
1
0
1
Median
MCLK/2
Standard
0x6
0
1
1
0
Median
MCLK/4
Standard
0x7
0
1
1
1
Median
MCLK/8
Standard
0x8
1
0
0
0
Fast
MCLK/1
Standard
0x9
1
0
0
1
Fast
MCLK/2
Standard
0xA
1
0
1
0
Fast
MCLK/4
Standard
0xB
1
0
1
1
Fast
MCLK/8
Standard
0xC
1
1
0
0
Low power
MCLK/1
One-shot
0xD
1
1
0
1
Median
MCLK/1
One-shot
0xE
1
1
1
0
Fast
MCLK/2
One-shot
0xF
1
1
1
1
Fast
MCLK/1
One-shot
Configuration Example
In the example shown in Table 23, the lowest current consumption
is used, and the AD7768/AD7768-4 are connected to an FPGA.
The FORMATx pins are set such that all eight data outputs, DOUT0
to DOUT7, connect to the FPGA. For the lowest power, the lowest
DCLK frequency is used. The input bandwidth is set through the
combination of selecting decimation by 64 and selecting the wide-
band filter.
ODR = fMOD ÷ Decimation Ratio
where:
fMOD is MCLK/32 for low power mode (see Table 19).
MCLK = 32.768 MHz.
Decimation Ratio = 64.
Therefore, for this example, where MCLK = 32.768 MHz,
ODR = (32.768 MHz/32) ÷ 64 = 16 kHz
Minimizing the DCLK frequency means selecting DCLK = MCLK/8,
which results in a 4 MHz DCLK signal. The period of DCLK in this
case is 1/4 MHz = 250 ns. The data conversion on each DOUTx
pin is 32 bits long. The conversion data takes 32 × 250 ns = 8
µs to be output. All 32 bits must be output within the ODR period
of 1/16 kHz, which is approximately 64 µs. In this case, the 8 µs
required to read out the conversion data is well within the 64 µs
between conversion outputs. Therefore, this combination, which is
summarized in Table 23, is viable for use.
Channel Standby
Table 21 and Table 23 show how the user can put channels into
standby mode. Set either ST0 or ST1 to Logic 1 to place banks
of four channels into standby mode. When in standby mode, the
channels are disabled but still hold their position in the output data
stream. The 8-bit header and 24-bit conversion result are set to all
zeros when the ADC channels are set to standby.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com