Electronic Components Datasheet Search
  English  ▼

X  

GMMAM08 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # GMMAM08
Description  Mini Modulo AT mega 8L
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GMMAM08 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button GMMAM08 Datasheet HTML 14Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 15Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 16Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 17Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 18Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 19Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 20Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 21Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
grifo®
ITALIAN TECHNOLOGY
Pagina 10
GMM AM08
Rel. 3.10
CARATTERISTICHE TECNICHE
CARATTERISTICHE GENERALI
Risorse della scheda:
23 linee di I/O digitale TTL
8 ingressi analogici A/D converter
1 sezione Watch Dog
3 Timer/Counter programmabili
18 sorgenti di interrupt
1 circuiteria di reset
1 linea serialeRS 232 con MAX 3222
1 Dip Switch a 4 vie
1 LED di stato rosso
Memorie:
8 Kbyte FLASH
programma utente
fino a 1 K byte FLASH
boot loader
512 Bytes EEPROM
dati utente
1024 Bytes SRAM
dati utente
CPU di bordo:
Atmel ATmega8L
Frequenza di clock:
7, 3728 MHz
Frequenza massima contatori:
frequenza clock I/O
Tempo di power on:
79 ms
Risoluzione A/D:
6 linee a 10 bit
2 linee a 8 bit
Tempo di conversione A/D:
5
µs
CARATTERISTICHE FISICHE
Dimensioni (L x A x P):
20,7 x 38,7 x 12,8 mm
Peso:
6, 8 g
Connettori:
zoccolo maschio da 28 piedini
Range di temperatura:
da 0 a 50 gradi Centigradi
Umidità relativa:
20% fino a 90%
(senza condensa)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com