Electronic Components Datasheet Search
  English  ▼

X  

GMMAM08 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # GMMAM08
Description  Mini Modulo AT mega 8L
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GMMAM08 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button GMMAM08 Datasheet HTML 15Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 16Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 17Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 18Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 19Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 20Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 21Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 22Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
ITALIAN TECHNOLOGY
grifo®
Pagina 11
GMM AM08
Rel. 3.10
CARATTERISTICHE ELETTRICHE
Tensione di alimentazione:
chiamata +Vdc POW, da +3,0 a +5,0 Vdc
Consumo di corrente a +5 Vdc:
3 mA
(power down mode)
15 mA
(normale)
18 mA
(massimo)
Consumo di corrente a +3, 0 Vdc:
2 mA
(power down mode)
9 mA
(normale)
10 mA
(massimo)
Impedenza generatori segnali analogici:
<10 K
Ω
Protezione RS 232:
±15 kV
Resistenza di pull-up su I2C BUS:
4,7 k
Ω
Soglie del brown out:
2, 7 o 4, 0 Vdc con isteresi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com