Electronic Components Datasheet Search
  English  ▼

X  

GMMAM08 Datasheet(PDF) 53 Page - List of Unclassifed Manufacturers

Part # GMMAM08
Description  Mini Modulo AT mega 8L
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GMMAM08 Datasheet(HTML) 53 Page - List of Unclassifed Manufacturers

Back Button GMMAM08 Datasheet HTML 49Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 50Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 51Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 52Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 53Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 54Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 55Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 56Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 57Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
ITALIAN TECHNOLOGY
grifo®
Pagina B-5
GMM AM08
Rel. 3.10
FIGURA B-6: SCHEMA DI CONNESSIONE DIRETTA TRA GMM AM08 ED EPSILON5 O AVR ISP
FIGURA B-7: SCHEMA DI CONNESSIONE DIRETTA TRA GMM AM08 E MP AVR-51+
9
2
MISO
RESET
RESET
PDO/TXD
8
MOSI
PDI/RXD
14 GND
GND
28 +Vdc POW
Vcc
12
SCK
SCK
1
5
4
6
2
3
12 SCK
SCK
8
2
MOSI
RESET
RESET
MOSI
14 GND
GROUND
9
MISO
MISO
28 +Vdc POW
Vcc
7
1
5
4
9
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com