Electronic Components Datasheet Search
  English  ▼

X  

GMMAM08 Datasheet(PDF) 47 Page - List of Unclassifed Manufacturers

Part # GMMAM08
Description  Mini Modulo AT mega 8L
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GMMAM08 Datasheet(HTML) 47 Page - List of Unclassifed Manufacturers

Back Button GMMAM08 Datasheet HTML 43Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 44Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 45Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 46Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 47Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 48Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 49Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 50Page - List of Unclassifed Manufacturers GMMAM08 Datasheet HTML 51Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 68 page
background image
ITALIAN TECHNOLOGY
grifo®
Pagina A-1
GMM AM08
Rel. 3.10
APPENDICE A: DESCRIZIONE COMPONENTI DI BORDO
La grifo® fornisce un servizio di documentazione tecnica totalmente gratuito attraverso il proprio
sito internet in cui possono essere scaricati i data sheets completi dei componenti usati a bordo
scheda. Si rimanda quindi l'utente a tali documenti, di cui viene riportato il percorso sia tramite i link
che tramite l'URL completo, assieme alle prime pagine degli stessi documenti.
ATmega8L
Link:
Home | Servizio Documentazione Tecnica | ATMEL | Data-Sheet ATmega8L
URL:
http://www.grifo.it/PRESS/DOC/Atmel/ATMEGA8L.pdf
1
Features
• High-performance, Low-power AVR® 8-bit Microcontroller
• Advanced RISC Architecture
– 130 Powerful Instructions – Most Single-clock Cycle Execution
– 32 x 8 General Purpose Working Registers
–Fully Static Operation
–Up to 16 MIPS Throughput at 16 MHz
–On-chip 2-cycle Multiplier
• Nonvolatile Program and Data Memories
–8K Bytes of In-System Self-Programmable Flash
Endurance: 10,000 Write/Erase Cycles
–Optional Boot Code Section with Independent Lock Bits
In-System Programming by On-chip Boot Program
True Read-While-Write Operation
– 512 Bytes EEPROM
Endurance: 100,000 Write/Erase Cycles
–1K Byte Internal SRAM
–Programming Lock for Software Security
• Peripheral Features
–Two 8-bit Timer/Counters with Separate Prescaler, one Compare Mode
–One 16-bit Timer/Counter with Separate Prescaler, Compare Mode, and Capture
Mode
–Real Time Counter with Separate Oscillator
–Three PWM Channels
–8-channel ADC in TQFP and MLF package
Six Channels 10-bit Accuracy
Two Channels 8-bit Accuracy
–6-channel ADC in PDIP package
Four Channels 10-bit Accuracy
Two Channels 8-bit Accuracy
–Byte-oriented Two-wire Serial Interface
–Programmable Serial USART
–Master/Slave SPI Serial Interface
–Programmable Watchdog Timer with Separate On-chip Oscillator
–On-chip Analog Comparator
• Special Microcontroller Features
–Power-on Reset and Programmable Brown-out Detection
–Internal Calibrated RC Oscillator
–External and Internal Interrupt Sources
–Five Sleep Modes: Idle, ADC Noise Reduction, Power-save, Power-down, and
Standby
• I/O and Packages
– 23 Programmable I/O Lines
– 28-lead PDIP, 32-lead TQFP, and 32-pad MLF
• Operating Voltages
–2.7 - 5.5V (ATmega8L)
–4.5 - 5.5V (ATmega8)
• Speed Grades
–0 - 8 MHz (ATmega8L)
–0 - 16 MHz (ATmega8)
• Power Consumption at 4 Mhz, 3V, 25
qC
–Active: 3.6 mA
–Idle Mode: 1.0 mA
–Power-down Mode: 0.5 µA
8-bit
with 8K Bytes
In-System
Programmable
Flash
ATmega8
ATmega8L
Preliminary
Rev. 2486J–AVR–02/03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com