Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 109 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 109 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 105Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 106Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 107Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 108Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 109Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 110Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 111Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 112Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 113Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 288 page
background image
System Integration Module (SIM)
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
System Integration Module (SIM)
109
SBSW can be read within the break interrupt routine. The user can
modify the return address on the stack by subtracting one from it. The
following code is an example.
7.8.2 SIM Reset Status Register (SRSR)
This register contains six flags that show the source of the last reset.
Clear the SIM reset status register by reading it. A power-on reset sets
the POR bit and clears all other bits in the register.
POR — Power-On Reset Bit
1 = Last reset caused by POR circuit
0 = Read of SRSR
;
;
;
This code works if the H register has been pushed onto the stack in the break
service routine software. This code should be executed at the end of the break
service routine software.
HIBYTE
EQU
5
LOBYTE
EQU
6
;
If not SBSW, do RTI
BRCLR
SBSW,SBSR, RETURN
;
;
See if wait mode or stop mode was exited by
break.
TST
LOBYTE,SP
;If RETURNLO is not zero,
BNE
DOLO
;then just decrement low byte.
DEC
HIBYTE,SP
;Else deal with high byte, too.
DOLO
DEC
LOBYTE,SP
;Point to WAIT/STOP opcode.
RETURN
PULH
RTI
;Restore H register.
Address:
$FE01
Bit 7
654321
Bit 0
Read:
POR
PIN
COP
ILOP
ILAD
0
0
0
Write:
POR:
10000000
= Unimplemented
Figure 7-19. SIM Reset Status Register (SRSR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com