Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 161 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 161 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 157Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 158Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 159Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 160Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 161Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 162Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 163Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 164Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 165Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 288 page
background image
Analog-to-Digital Converter (ADC)
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
Analog-to-Digital Converter (ADC)
161
12.8.3 ADC Input Clock Register
This register selects the clock frequency for the ADC.
ADIV2:ADIV0 — ADC Clock Prescaler Bits
ADIV2, ADIV1, and ADIV0 form a 3-bit field which selects the divide
ratio used by the ADC to generate the internal ADC clock. Table 12-3
shows the available clock configurations. The ADC clock should be
set to approximately 1MHz. With an internal bus frequency of 6MHz,
set ADIV[2:0] = 010, for a divide by four ADC clock rate.
Address:
$005F
Bit 7
654321
Bit 0
Read:
ADIV2
ADIV1
ADIV0
00000
Write:
Reset:
00000000
= Unimplemented
Figure 12-4. ADC Input Clock Register (ADICLK)
Table 12-3. ADC Clock Divide Ratio
ADIV2
ADIV1
ADIV0
ADC Clock Rate
0
0
0
Internal bus clock ÷ 1
0
0
1
Internal bus clock ÷ 2
0
1
0
Internal bus clock ÷ 4
0
1
1
Internal bus clock ÷ 8
1
X
X
Internal bus clock ÷ 16
X = don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com