Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 165 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 165 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 161Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 162Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 163Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 164Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 165Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 166Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 167Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 168Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 169Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 288 page
background image
Universal Serial Bus Module (USB)
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
Universal Serial Bus Module (USB)
165
13.5 Registers
There are seven control/status registers and 24 data buffers in the USB
module. These registers are discussed in the following paragraphs.
Table 13-2. USB I/O Register Summary
Addr.
Register Name
Bit 7
654321
Bit 0
$0029
USB Address Register
(UADR)
Read:
USBEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0
Write:
Reset:
00000000
$002A
USB Interrupt Register
(UINTR)
Read:
TBEF
RBFF
EOPIF
RSTIF
TBIE
RBIE
EOPIE
RSTIE
Write:
Reset:
00000000
$002B
USB Control Register 0
(UCR0)
Read:
T0SEQ
STALL0
TX0E
RX0E
TP0SIZ3 TP0SIZ2 TP0SIZ1 TP0SIZ0
Write:
Reset:
00000000
$002C
USB Status Register
(USR)
Read:
RSEQ
SETUP
TX1ST
0
RPSIZ3
RPSIZ2
RPSIZ1
RPSIZ0
Write:
Reset:
Indeterminate after reset
$002D
USB Control Register 2
(UCR2)
Read:
0
0
PULLEN SUSPND ENABLE2 ENABLE1 STALL2
STALL1
Write:
Reset:
00000000
$002E
USB Interrupt Register 1
(UIR1)
Read: TXD1F
TXD1IE
RESUMF
00000
Write:
RESUMFR
TBEFR
RBFFR
TXD1FR
EOPFR
Reset:
00000000
$002F
USB Control Register 1
(UCR1)
Read:
T1SEQ
ENDADD
TX1E
FRESUM TP1SIZ3 TP1SIZ2 TP1SIZ1 TP1SIZ0
Write:
Reset:
00000000
$0030
to
$0037
USB Endpoint 0 Data
Register 0–7
(UD0R0–UD0R7)
Read: UE0RDx7 UE0RDx6 UE0RDx5 UE0RDx4 UE0RDx3 UE0RDx2 UE0RDx1 UE0RDx0
Write: UE0TDx7 UE0TDx6 UE0TDx5 UE0TDx4 UE0TDx3 UE0TDx2 UE0TDx1 UE0TDx0
Reset:
Indeterminate after reset
$0038
to
$003F
USB Endpoint 1/2 Data
Register 0–7
(UD1R0–UD1R7)
Read:
Write: UE1TDx7 UE1TDx6 UE1TDx5 UE1TDx4 UE1TDx3 UE1TDx2 UE1TDx1 UE1TDx0
Reset:
Indeterminate after reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com