Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 167 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 167 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 163Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 164Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 165Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 166Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 167Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 168Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 169Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 170Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 171Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 288 page
background image
Universal Serial Bus Module (USB)
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
Universal Serial Bus Module (USB)
167
TBEF — Transmit Buffer Empty Flag
This flag is set after the data stored in endpoint 0 transmit buffer has
been sent and ACK handshake packet is received. Software must
clear this flag by writing a logic "1" to TBEFR bit after the data is ready
in the transmit buffer. This enables the next data packet transmission
when endpoint 0 transmit is enabled (TX0E = 1). TBEF generates an
interrupt request to the CPU if the TBIE bit is also set. Reset clears
this bit.
1 = Transmit on endpoint 0 has occurred
0 = Transmit on endpoint 0 has not occurred
RBFF — Receive Buffer Full Flag
This flag is set when the module has received one data packet and
replied with ACK handshake packet. Software must clear this flag by
writing "1" to RBFFR bit after all the received data have been read to
enable the next data packet reception. RBFF generates an interrupt
request to the CPU if the RBIE bit is also set. Reset clears this bit.
1 = Receive on endpoint 0 has occurred
0 = Receive on endpoint 0 has not occurred
EOPIF — End Of Packet Interrupt Flag
This flag is set when a valid EOP signal transition is detected on the
D+ and D– lines. This flag can be cleared by writing "1" to EOPIFR bit.
EOPIF generates an interrupt request to the CPU if the EOPIE bit is
also set. Reset clears this bit.
1 = End-of-packet sequence has been detected
0 = End-of-packet sequence has not been detected
RSTIF — Reset Interrupt Flag
The flag is set when a valid reset signal state is detected on the D+
and D– lines. This flag can be cleared by writing "1" to RSTIFR bit.
RSTIF generates an interrupt request to the CPU if the RSTIE bit is
also set. Reset clears this bit.
1 = USB reset condition has been detected
0 = USB reset condition has not been detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com