Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 171 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 171 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 167Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 168Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 169Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 170Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 171Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 172Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 173Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 174Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 175Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 288 page
background image
Universal Serial Bus Module (USB)
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
Universal Serial Bus Module (USB)
171
13.5.4 USB Control Register 0 (UCR0)
T0SEQ — Endpoint 0 Data Packet PID Select
This bit will determine the transmit data packet PID of endpoint 0.
When it is "0", the DATA0 PID (b0011) will be sent. When it is "1", the
DATA1 PID (b1011) will be sent. Reset clears this bit.
1 = DATA1 PID will be sent on endpoint 0
0 = DATA0 PID will be sent on endpoint 0
STALL0 — Endpoint 0 STALL Handshake
This bit is set to generate the STALL handshake packet as next IN or
OUT transactions handshake packet from endpoint 0. The USB
hardware clears the STALL0 bit when a SETUP packet is received.
Reset clears this bit.
1 = Send STALL handshake on endpoint 0
0 = Do not send STALL handshake on endpoint 0
TX0E — Endpoint 0 Transmit Enable
This bit is set to enable data packet transmission from endpoint 0.
Software should set this bit when data is ready for data packet
transmission. It must be cleared when no more data needs to be
transmitted. If TX0E is "0" or TXD0F is "1", a NAK handshake will be
returned for the next IN token. Reset clears this bit.
1 = Data is ready to be sent on endpoint 0
0 = Data is not ready; respond with ACK
Address:
$002B
Bit 7
654321
Bit 0
Read:
T0SEQ
STALL0
TX0E
RX0E
TP0SIZ3 TP0SIZ2 TP0SIZ1 TP0SIZ0
Write:
Reset:
00000000
Figure 13-4. USB Control Register 0 (UCR0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com