Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 174 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 174 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 170Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 171Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 172Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 173Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 174Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 175Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 176Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 177Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 178Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 288 page
background image
Universal Serial Bus Module (USB)
Data Sheet
MC68HC908BD48 — Rev. 2.1
174
Universal Serial Bus Module (USB)
Freescale Semiconductor
13.5.6 USB Control Register 2 (UCR2)
RSTIFR — Reset Interrupt Flag Clear
Writing a logic "1" to this bit clears the RSTIFR flag. Writing a "0" has
no effect. Reset clears this bit.
1 = Writing 1 clears RSTIFR
0 = No effect
TX1STR — TX1ST Clear
Writing a logic "1" to this bit clears the TX1STR flag. Writing a "0" has
no effect. Reset clears this bit.
1 = Writing 1 clears TX1STR
0 = No effect
PULLEN — Pullup Enable on D–
This bit is set to enable the internal 1.5k
Ω pullup resister connected
between the USB D– line and 3.3V. Reset clears this bit.
1 = Enable 1.5k
Ω pullup resistor between D– and 3.3V
0 = Disable 1.5k
Ω pullup resistor between D– and 3.3V
SUSPND — USB Suspend
If the 3ms constant idle state is detected on the USB bus, user
software should set this bit to allow the USB module to enter suspend
mode. In the suspend mode, the clock to USB module will be stopped,
and other unnecessary analog circuitry will be powered down. When
a resume is detected (RESUMF = 1), user software must clear
SUSPND in the interrupt service routine.
1 = Enable USB suspend mode
0 = Disable USB suspend mode
Address:
$002D
Bit 7
654321
Bit 0
Read:
0
0
PULLEN SUSPND ENABLE2 ENABLE1 STALL2
STALL1
Write: RSTIFR
TX1STR
Reset:
00000000
Figure 13-6. USB Control Register 2 (UCR2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com