Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 176 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 176 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 172Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 173Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 174Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 175Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 176Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 177Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 178Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 179Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 180Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 288 page
background image
Universal Serial Bus Module (USB)
Data Sheet
MC68HC908BD48 — Rev. 2.1
176
Universal Serial Bus Module (USB)
Freescale Semiconductor
RSEQ — Received Data Sequence
This bit indicates the type of data packet of the last received data
packet on endpoint 0. RSEQ = 0 indicates the last received data
packet is type DATA0. RSEQ = 1 indicates the last received data
packet is type DATA1.
1 = Last token received on endpoint 0 is a DATA1 token
0 = Last token received on endpoint 0 is a DATA0 token
SETUP — SETUP Token
This bit is set when the received token packet for endpoint 0 is a
SETUP token (PID = b1101).
1 = Last token received on endpoint 0 is a SETUP token
0 = Last token received on endpoint 0 is not a SETUP token
TX1ST — Transmit First Flag
This bit is set if the endpoint 0 transmit buffer empty flag (TBEF) is set
when the control logic is setting the endpoint 0 receive buffer full flag
(RBFF). This happens when TBEF is still set at the end of an
endpoint 0 reception.
1 = IN transaction occurred before SETUP or OUT
0 = IN transaction occurred after SETUP or OUT
RPSIZ[3:0] — Received Data Size
The RPSIZ[3:0] indicates the number of received data bytes in a data
packet. Reset will not affect these bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com