Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 175 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 175 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 171Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 172Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 173Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 174Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 175Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 176Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 177Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 178Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 179Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 288 page
background image
Universal Serial Bus Module (USB)
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
Universal Serial Bus Module (USB)
175
ENABLE2 — Endpoint 2 Enable
This bit is set to enable endpoint 2 to respond to addressed IN packet
tokens. Reset clears this bit.
1 = Endpoint 2 enabled; and responds to IN tokens
0 = Endpoint 2 disabled
ENABLE1 — Endpoint 1 Enable
This bit is set to enable endpoint 1 to respond to addressed IN packet
tokens. Reset clears this bit.
1 = Endpoint 1 enabled; and responds to IN tokens
0 = Endpoint 1 disabled
STALL2 — Endpoint 2 STALL Handshake
This bit is set to generate the STALL handshake packet as next IN
transaction handshake packet from endpoint 2. Reset clears this bit.
1 = Send STALL handshake on endpoint 2
0 = Do not send STALL handshake on endpoint 2
STALL1 — Endpoint 1 STALL Handshake
This bit is set to generate the STALL handshake packet as next IN
transaction handshake packet from endpoint 1. Reset clears this bit.
1 = Send STALL handshake on endpoint 1
0 = Do not send STALL handshake on endpoint 1
13.5.7 USB Status Register (USR)
Address:
$002C
Bit 7
654321
Bit 0
Read:
RSEQ
SETUP
TX1ST
0
RPSIZ3
RPSIZ2
RPSIZ1
RPSIZ0
Write:
Reset:
Indeterminate after reset
= Unimplemented
Figure 13-7. USB Status Register (USR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com