Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 169 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 169 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 165Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 166Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 167Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 168Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 169Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 170Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 171Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 172Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 173Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 288 page
background image
Universal Serial Bus Module (USB)
MC68HC908BD48 — Rev. 2.1
Data Sheet
Freescale Semiconductor
Universal Serial Bus Module (USB)
169
13.5.3 USB Interrupt Register 1 (UIR1)
TXD1F — Endpoint 1/2 Data Buffer Transmit Flag
The flag is set after the data stored in endpoint 1/2 transmit buffer has
been sent and ACK handshake packet from host is received.
Software must clear this flag by writing a logic 1 to TXD1FR bit after
the data is ready in the transmit buffer to enable the next data packet
transmission when TX1E is enabled. Reset clears this bit.
1 = Transmit on endpoint 1/2 has occurred
0 = Transmit on endpoint 1/2 has not occurred
TXD1IE — Transmit Buffer Interrupt Enable
When this bit is set, the TXD1F flag is enabled to generate an interrupt
request to the CPU. When TXD1IE is cleared, the TXD1F flag is
prevented from generating an interrupt request to the CPU. Reset
clears this bit.
1 = TXD1F bit set will generate interrupt request to CPU
0 = TXD1F bit set does not generate interrupt request to CPU
RESUMF — Resume Flag
This flag is set if the transaction from idle state to non-idle state is
detected while in suspend mode (SUSPND = 1). An interrupt will be
generated to wake up CPU to indicate a resume signalling from host
and software will clear SUSPND bit and exit from suspend mode.
USB reset signals cannot be detected while in suspend mode until
SUSPND bit is cleared. The RESUMF interrupt service routine is
generated by SE0 to wake up the USB module. This bit can be
cleared by writing "1" to RESUMFR bit. Reset clears this bit.
1 = USB bus activity detected while in suspend mode
0 = If in suspend mode, no USB bus activity has been detected
Address:
$002E
Bit 7
654321
Bit 0
Read: TXD1F
TXD1IE
RESUMF
00000
Write:
0
0
RESUMFR
TBEFR
RBFFR
TXD1FR
EOPFR
Reset:
00000000
Figure 13-3. USB Interrupt Register 1 (UIR1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com