Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 166 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 166 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 162Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 163Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 164Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 165Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 166Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 167Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 168Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 169Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 170Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 288 page
background image
Universal Serial Bus Module (USB)
Data Sheet
MC68HC908BD48 — Rev. 2.1
166
Universal Serial Bus Module (USB)
Freescale Semiconductor
13.5.1 USB Address Register (UADR)
USBEN — USB Enable
This read/write bit enables/disables the USB module. When USBEN
bit is clear, USB will not respond to any tokens, but still can detect
USB reset signal, or EOP signals, and non-IDLE state if in Suspend
Mode. Reset clears this bit. After USB reset, software will set this bit
to enable USB.
1 = USB module enabled
0 = USB module disabled
UADD[6:0] — USB Address
These bits specify the USB address of the device. Reset clears these
bits to $00, the default address.
13.5.2 USB Interrupt Register (UINTR)
Address:
$0029
Bit 7
654321
Bit 0
Read:
USBEN
UADD6
UADD5
UADD4
UADD3
UADD2
UADD1
UADD0
Write:
Reset:
00000000
Figure 13-1. USB Address Register (UADR)
Address:
$002A
Bit 7
654321
Bit 0
Read:
TBEF
RBFF
EOPIF
RSTIF
TBIE
RBIE
EORIE
RSTIE
Write:
Reset:
00000000
= Unimplemented
Figure 13-2. USB Interrupt Register (UINTR)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com