Electronic Components Datasheet Search
  English  ▼

X  

M68HC08 Datasheet(PDF) 164 Page - Freescale Semiconductor, Inc

Part # M68HC08
Description  Microcontrollers
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

M68HC08 Datasheet(HTML) 164 Page - Freescale Semiconductor, Inc

Back Button M68HC08 Datasheet HTML 160Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 161Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 162Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 163Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 164Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 165Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 166Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 167Page - Freescale Semiconductor, Inc M68HC08 Datasheet HTML 168Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 288 page
background image
Universal Serial Bus Module (USB)
Data Sheet
MC68HC908BD48 — Rev. 2.1
164
Universal Serial Bus Module (USB)
Freescale Semiconductor
13.3 Features
Features of the USB (universal serial bus) module include the following:
•
Integrated 3.3-volt regulator with 3.3-volt output pin
•
Integrated USB transceiver supporting low-speed functions
•
USB data control logic
–
Packet decoding/generation
–
CRC (cyclic redundancy check) generation and checking
–
NRZI (non-return-to zero inserted) encoding/decoding
–
Bit-stuffing
•
USB reset support
•
Control endpoint 0 and interrupt endpoints 1 and 2
•
Two 8-byte transmit buffers
•
One 8-byte receive buffer
•
Suspend and resume operations
–
Remote wakeup support
•
USB generated interrupts
–
Transaction interrupt driven
–
Resume interrupt
–
End-of-pack (EOP) interrupt
•
STALL, NAK, and ACK handshake generation
13.4 I/O Pins
The USB module uses two I/O pins, shared with standard port I/O pins.
The full name of the USB I/O pins are listed in Table 13-1
. The generic
pin name appear in the text that follows.
Table 13-1. Pin Name Conventions
USB
Generic Pin Names:
Full MCU Pin Names:
Pin Selected for
USB Function By:
D+
PTD0/D+
USBD+E bit in PDCR ($0049)
D–
PTD1/D–
USBD–E bit in PDCR ($0049)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com