Electronic Components Datasheet Search
  English  ▼

X  

AD712 Datasheet(PDF) 4 Page - Analog Devices

Part # AD712
Description  Precision, Low Cost, High Speed BiFET Dual Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712 Datasheet(HTML) 4 Page - Analog Devices

  AD712 Datasheet HTML 1Page - Analog Devices AD712 Datasheet HTML 2Page - Analog Devices AD712 Datasheet HTML 3Page - Analog Devices AD712 Datasheet HTML 4Page - Analog Devices AD712 Datasheet HTML 5Page - Analog Devices AD712 Datasheet HTML 6Page - Analog Devices AD712 Datasheet HTML 7Page - Analog Devices AD712 Datasheet HTML 8Page - Analog Devices AD712 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD712
Data Sheet
Rev. I | Page 4 of 20
AD712J/AD712A/AD712S
AD712K
Parameter
Min
Typ
Max
Min
Typ
Max
Unit
INPUT VOLTAGE NOISE
f = 0.1 Hz to 10 Hz
2
2
µV p-p
f = 10 Hz
45
45
nV/√Hz
f = 100 Hz
22
22
nV/√Hz
f = 1 kHz
18
18
nV/√Hz
f = 10 kHz
16
16
nV/√Hz
INPUT CURRENT NOISE
f = 1 kHz
0.01
0.01
pA/√Hz
OPEN-LOOP GAIN
VOUT = −10 V to +10 V
150
400
200
400
V/mV
TMIN to TMAX
100/100/100
100
V/mV
OUTPUT CHARACTERISTICS
Voltage
+13, −12.5
+13.9, −13.3
+13, −12.5
+13.9, −13.3
V
±12/±12/±12
+13.8, −13.1
±12
+13.8, −13.1
V
Current
+25
+25
mA
POWER SUPPLY
Rated Performance
±15
±15
V
Operating Range
±4.5
±18
±4.5
±18
V
Quiescent Current
+5.0
+6.8
+5.0
+6.0
mA
1
Input offset voltage specifications are guaranteed after 5 minutes of operation at TA = 25°C.
2
Bias current specifications are guaranteed maximum at either input after 5 minutes of operation at TA = 25°C. For higher temperatures, the current doubles every 10°C.
3
Defined as voltage between inputs, such that neither exceeds ±10 V from ground.
4
Typically exceeding −14.1 V negative common-mode voltage on either input results in an output phase reversal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com