Electronic Components Datasheet Search
  English  ▼

X  

AD712 Datasheet(PDF) 9 Page - Analog Devices

Part # AD712
Description  Precision, Low Cost, High Speed BiFET Dual Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD712 Datasheet HTML 5Page - Analog Devices AD712 Datasheet HTML 6Page - Analog Devices AD712 Datasheet HTML 7Page - Analog Devices AD712 Datasheet HTML 8Page - Analog Devices AD712 Datasheet HTML 9Page - Analog Devices AD712 Datasheet HTML 10Page - Analog Devices AD712 Datasheet HTML 11Page - Analog Devices AD712 Datasheet HTML 12Page - Analog Devices AD712 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
AD712
Rev. I | Page 9 of 20
25
15
20
TEMPERATURE (°C)
–60 –40 –20
0
20
40
60
80
100 120 140
Figure 20. Slew Rate vs. Temperature
OUTPUT
100pF
2kΩ
INPUT
+VS
0.1µF
0.1µF
–VS
8
4
1/2
AD712
+
–
Figure 21. THD Test Circuit
VOUT
20kΩ
2.2kΩ
20V p-p
5kΩ
5kΩ
1
2
3
4
5
6
7
8
1/2
AD712
+VS
VIN
CROSSTALK = 20 log
VOUT
10VIN
1/2
AD712
–VS
Figure 22. Crosstalk Test Circuit
VOUT
CL
100pF
RL
2kΩ
+VS
0.1µF
0.1µF
–VS
8
4
1/2
AD712
VIN
SQUARE
WAVE
INPUT
Figure 23. Unity-Gain Follower
100
90
10
0%
1µs
5V
Figure 24. Unity-Gain Follower Pulse Response (Large Signal)
100ns
50mV
100
10
0%
90
Figure 25. Unity-Gain Follower Pulse Response (Small Signal)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com