Electronic Components Datasheet Search
  English  ▼

X  

AD712 Datasheet(PDF) 16 Page - Analog Devices

Part # AD712
Description  Precision, Low Cost, High Speed BiFET Dual Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD712 Datasheet HTML 12Page - Analog Devices AD712 Datasheet HTML 13Page - Analog Devices AD712 Datasheet HTML 14Page - Analog Devices AD712 Datasheet HTML 15Page - Analog Devices AD712 Datasheet HTML 16Page - Analog Devices AD712 Datasheet HTML 17Page - Analog Devices AD712 Datasheet HTML 18Page - Analog Devices AD712 Datasheet HTML 19Page - Analog Devices AD712 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
AD712
Data Sheet
Rev. I | Page 16 of 20
DRIVING A LARGE CAPACITIVE LOAD
The circuit in Figure 46 uses a 100 Ω isolation resistor that enables
the amplifier to drive capacitive loads exceeding 1500 pF; the
resistor effectively isolates the high frequency feedback from
the load and stabilizes the circuit. Low frequency feedback is
returned to the amplifier summing junction via the low-pass filter
formed by the 100 Ω series resistor and the Load Capacitance CL.
Figure 47 shows a typical transient response for this connection.
1/2
AD712
0.1µF
0.1µF
–VIN
+VIN
INPUT
R1
2kΩ
1500pF
10kΩ
1500pF
20Ω
1000pF
C1
R1
4.99kΩ
4.99kΩ
30pF
OUTPUT
100Ω
+ –
– +
TYPICAL CAPACITANCE
LIMIT FOR VARIOUS
LOAD RESISTORS
C1 UP TO
Figure 46. Circuit for Driving a Large Capacitive Load
5V
1µs
100
10
0%
90
Figure 47. Transient Response RL = 2 kΩ, CL = 500 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com