Electronic Components Datasheet Search
  English  ▼

X  

AD712 Datasheet(PDF) 15 Page - Analog Devices

Part # AD712
Description  Precision, Low Cost, High Speed BiFET Dual Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD712 Datasheet HTML 11Page - Analog Devices AD712 Datasheet HTML 12Page - Analog Devices AD712 Datasheet HTML 13Page - Analog Devices AD712 Datasheet HTML 14Page - Analog Devices AD712 Datasheet HTML 15Page - Analog Devices AD712 Datasheet HTML 16Page - Analog Devices AD712 Datasheet HTML 17Page - Analog Devices AD712 Datasheet HTML 18Page - Analog Devices AD712 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Data Sheet
AD712
Rev. I | Page 15 of 20
Figure 41 and Figure 42 show the settling time characteristics of
the AD712 when used as a DAC output buffer for the AD7545.
1mV
5V
500ns
100
10
0%
90
Figure 41. Positive Settling Characteristics for AD712 with AD7545
1mV
5V
500ns
100
10
0%
90
Figure 42. Negative Settling Characteristics for AD712 with AD7545
NOISE CHARACTERISTICS
The random nature of noise, particularly in the flicker noise
region, makes it difficult to specify in practical terms. At the
same time, designers of precision instrumentation require
certain guaranteed maximum noise levels to realize the full
accuracy of their equipment. All grades of the AD712 are sample
tested on an AQL basis to a limit of 6 μV p-p, 0.1 Hz to 10 Hz.
DRIVING THE ANALOG INPUT OF AN ADC
An op amp driving the analog input of an ADC, such as that
shown in Figure 43, must be capable of maintaining a constant
output voltage under dynamically changing load conditions. In
successive approximation converters, the input current is compared
to a series of switched trial currents. The comparison point is
diode clamped, but can deviate several hundred millivolts resulting
in high frequency modulation of analog-to-digital input current.
The output impedance of a feedback amplifier is made artificially
low by the loop gain. At high frequencies, where the loop gain is
low, the amplifier output impedance can approach its open-loop
value. Most IC amplifiers exhibit a minimum open-loop output
impedance of 25 Ω due to current-limiting resistors.
+15V
1/2
AD712
0.1µF
0.1µF
–15V
ANALOG COM
AD574A
12/8
CS
AO
R/C
CE
REF IN
REF OUT
BIP OFF
10VIN
20VIN
STS
+5V
+15V
–15V
±10V
ANALOG
INPUT
OFFSET
ADJUST
R2
100Ω
R1
100Ω
GAIN
ADJUST
HIGH
BITS
MIDDLE
BITS
LOW
BITS
AC
DC
Figure 43. AD712 as an ADC Unity-Gain Buffer
A few hundred microamps reflected from the change in converter
loading can introduce errors in instantaneous input voltage. If
the analog-to-digital conversion speed is not excessive and the
bandwidth of the amplifier is sufficient, the amplifier output
returns to the nominal value before the converter makes its
comparison. However, many amplifiers have relatively narrow
bandwidth yielding slow recovery from output transients. The
AD712 is ideally suited to drive high speed ADCs because it
offers both wide bandwidth and high open-loop gain.
200ns
500mV
PD711 BUFF
–10V ADC IN
1mV
100
10
0%
90
Figure 44. ADC Input Unity Gain Buffer Recovery Times, −10 V ADC IN
200ns
500mV
PD711 BUFF
–5V ADC IN
1mV
100
10
0%
90
Figure 45. ADC Input Unity Gain Buffer Recovery Times, −5 V ADC IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com