Electronic Components Datasheet Search
  English  ▼

X  

AD712 Datasheet(PDF) 17 Page - Analog Devices

Part # AD712
Description  Precision, Low Cost, High Speed BiFET Dual Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD712 Datasheet HTML 12Page - Analog Devices AD712 Datasheet HTML 13Page - Analog Devices AD712 Datasheet HTML 14Page - Analog Devices AD712 Datasheet HTML 15Page - Analog Devices AD712 Datasheet HTML 16Page - Analog Devices AD712 Datasheet HTML 17Page - Analog Devices AD712 Datasheet HTML 18Page - Analog Devices AD712 Datasheet HTML 19Page - Analog Devices AD712 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Data Sheet
AD712
Rev. I | Page 17 of 20
FILTERS
ACTIVE FILTER APPLICATIONS
In active filter applications using op amps, the dc accuracy of
the amplifier is critical to optimal filter performance. The
amplifier offset voltage and bias current contribute to output
error. Offset voltage is passed by the filter and can be amplified
to produce excessive output offset. For low frequency applications
requiring large value input resistors, bias currents flowing
through these resistors also generate an offset voltage.
In addition, at higher frequencies, the op amp dynamics must
be carefully considered. Here, slew rate, bandwidth, and open-
loop gain play a major role in op amp selection. The slew rate
must be fast as well as symmetrical to minimize distortion. The
amplifier bandwidth in conjunction with the filter gain dictates
the frequency response of the filter.
The use of a high performance amplifier such as the AD712
minimizes both dc and ac errors in all active filter applications.
SECOND-ORDER LOW-PASS FILTER
Figure 48 depicts the AD712 configured as a second-order,
Butterworth low-pass filter. With the values as shown, the
corner frequency is 20 kHz; however, the wide bandwidth of the
AD712 permits a corner frequency as high as several hundred
kilohertz. Equations for component selection are as follows:
R1 = R2 = A user selected value (10 kΩ to 100 kΩ, typical)
C1 (in farads) = ( )
( )( )1
2
414
.
1
R
fcutoff
π
( )
( )( )1
2
707
.
0
2
R
f
C
cutoff
π
=
+15V
1/2
AD712
0.1µF
0.1µF
–15V
VOUT
VIN
C1
560pF
R2
20kΩ
R1
20kΩ
C2
280pF
+
–
Figure 48. Second-Order Low-Pass Filter
An important property of filters is their out-of-band rejection.
The simple 20 kHz low-pass filter shown in Figure 48 can be
used to condition a signal contaminated with clock pulses or
sampling glitches that have considerable energy content at high
frequencies.
The low output impedance and high bandwidth of the AD712
minimize high frequency feedthrough as shown in Figure 49.
The upper trace is that of another low cost BiFET op amp
showing 17 dB more feedthrough at 5 MHz.
REF 20.0 dBm
10dB/DIV
RANGE 15.0dBm
OFFSET .0 Hz
0dB
CENTER 5 000 000.0Hz
RBW 30kHz
SPAN 10 000 000.0Hz
ST .8 SEC
VBW 30kHz
TYPICAL BIFET
AD712
Figure 49. High Frequency Feedthrough



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com