Electronic Components Datasheet Search
  English  ▼

X  

AD712 Datasheet(PDF) 8 Page - Analog Devices

Part # AD712
Description  Precision, Low Cost, High Speed BiFET Dual Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD712 Datasheet HTML 4Page - Analog Devices AD712 Datasheet HTML 5Page - Analog Devices AD712 Datasheet HTML 6Page - Analog Devices AD712 Datasheet HTML 7Page - Analog Devices AD712 Datasheet HTML 8Page - Analog Devices AD712 Datasheet HTML 9Page - Analog Devices AD712 Datasheet HTML 10Page - Analog Devices AD712 Datasheet HTML 11Page - Analog Devices AD712 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
AD712
Data Sheet
Rev. I | Page 8 of 20
0
100
80
60
40
20
VS = ±15V
VCM = 1V p-p
25°C
FREQUENCY (Hz)
10
100
1k
10k
100k
1M
Figure 14. Common-Mode Rejection vs. Frequency
30
25
0
15
10
5
20
FREQUENCY (Hz)
100k
1M
10M
RL = 2kΩ
25°C
VS = ±15V
Figure 15. Large Signal Frequency Response
–8
0.5
–6
–4
–2
0
4
6
8
10
2
–10
0.6
0.7
0.01%
0.1%
1%
0.01%
0.1%
1%
ERROR
0.8
0.9
1.0
SETTLING TIME (µs)
Figure 16. Output Swing and Error vs. Settling Time
FREQUENCY (Hz)
–70
–80
–90
–100
–110
–120
–130
100
1k
10k
100k
3V rms
RL = 2kΩ
CL = 100pF
Figure 17. Total Harmonic Distortion vs. Frequency
FREQUENCY (Hz)
1
10
100
1k
10
100
1k
10k
100k
1
Figure 18. Input Noise Voltage Spectral Density
INPUT ERROR SIGNAL (mV)
(AT SUMMING JUNCTION)
5
10
15
20
25
0
0100
200
300
400
500
600
700
800
900
Figure 19. Slew Rate vs. Input Error Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com