Electronic Components Datasheet Search
  English  ▼

X  

AD712 Datasheet(PDF) 1 Page - Analog Devices

Part # AD712
Description  Precision, Low Cost, High Speed BiFET Dual Op Amp
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD712 Datasheet(HTML) 1 Page - Analog Devices

  AD712 Datasheet HTML 1Page - Analog Devices AD712 Datasheet HTML 2Page - Analog Devices AD712 Datasheet HTML 3Page - Analog Devices AD712 Datasheet HTML 4Page - Analog Devices AD712 Datasheet HTML 5Page - Analog Devices AD712 Datasheet HTML 6Page - Analog Devices AD712 Datasheet HTML 7Page - Analog Devices AD712 Datasheet HTML 8Page - Analog Devices AD712 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Precision, Low Cost,
High Speed BiFET Dual Op Amp
Data Sheet
AD712
Rev. I
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1986–2018 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Enhanced replacement for LF412 and TL082
AC performance
Settles to ±0.01% in 1.0 μs
16 V/μs minimum slew rate (AD712J)
3 MHz minimum unity-gain bandwidth (AD712J)
DC performance
200 V/mV minimum open-loop gain (AD712K)
Surface mount available in tape and reel in
accordance with the EIA-481A standard
MIL-STD-883B parts available
Single version available: AD711
Quad version: AD713
Available in PDIP, SOIC_N, and CERDIP packages
CONNECTION DIAGRAM
8
7
6
5
1
2
3
4
OUTPUT
V+
OUTPUT
V–
AD712
AMPLIFIER NO. 2
AMPLIFIER NO. 1
INVERTING
INPUT
NONINVERTING
INPUT
INVERTING
INPUT
NONINVERTING
INPUT
Figure 1. 8-Lead PDIP (N-Suffix),
SOIC_N (R-Suffix), and CERDIP (Q-Suffix)
GENERAL DESCRIPTION
The AD712 is a high speed, precision, monolithic operational
amplifier offering high performance at very modest prices. The
very low offset voltage and offset voltage drift are the results of
advanced laser wafer trimming technology. These performance
benefits allow the user to easily upgrade existing designs that
use older precision BiFETs and, in many cases, bipolar op amps.
The superior ac and dc performance of this op amp makes it
suitable for active filter applications. With a slew rate of 16 V/μs
and a settling time of 1 μs to ±0.01%, the AD712 is ideal as a
buffer for 12-bit digital-to-analog converters (DACs) and analog-
to-digital converters (ADCs) and as a high speed integrator.
The settling time is unmatched by any similar IC amplifier.
The combination of excellent noise performance and low input
current also make the AD712 useful for photo diode preamps.
Common-mode rejection of 88 dB and open-loop gain of
400 V/mV ensure 12-bit performance even in high speed
unity-gain buffer circuits.
The AD712 is pinned out in a standard op amp configuration
and is available in seven performance grades. The AD712J and
AD712K are rated over the commercial temperature range of
0°C to 70°C. The AD712A is rated over the industrial tempera-
ture range of −40°C to +85°C. The AD712S is rated over the
military temperature range of −55°C to +125°C and is available
processed to MIL-STD-883B, Rev. C.
Extended reliability PLUS screening is available, specified
over the commercial and industrial temperature ranges. PLUS
screening includes 168-hour burn-in, in addition to other
environmental and physical tests.
The AD712 is available in 8-lead PDIP, SOIC_N, and CERDIP
packages.
PRODUCT HIGHLIGHTS
1.
The AD712 offers excellent overall performance at very
competitive prices.
2.
The Analog Devices, Inc., advanced processing technology
and 100% testing guarantee a low input offset voltage (3 mV
maximum, J grade). Input offset voltage is specified in the
warmed-up condition.
3.
Together with precision dc performance, the AD712 offers
excellent dynamic response. It settles to ±0.01% in 1 μs and
has a minimum slew rate of 16 V/μs. Thus, this device is
ideal for applications such as DAC and ADC buffers that
require a combination of superior ac and dc performance.


Similar Part No. - AD712

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD712 AD-AD712 Datasheet
635Kb / 15P
Dual Precision, Low Cost, High Speed, BiFET Op Amp
AD712 AD-AD712 Datasheet
522Kb / 20P
Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. A
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
AD7124-4BCPZ AD-AD7124-4BCPZ Datasheet
1Mb / 90P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. A
More results

Similar Description - AD712

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD642 AD-AD642 Datasheet
395Kb / 6P
Precision, Low Cost Dual BiFET Op Amp
REV.0
AD711 AD-AD711 Datasheet
523Kb / 12P
Precision, Low Cost, High Speed, BiFET Op Amp
REV.A
AD712 AD-AD712 Datasheet
635Kb / 15P
Dual Precision, Low Cost, High Speed, BiFET Op Amp
AD711 AD-AD711_02 Datasheet
592Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_06 Datasheet
522Kb / 20P
Dual Precision, Low Cost, High Speed BiFET Op Amp
Rev. G
AD711JNZ AD-AD711JNZ Datasheet
717Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711SH AD-AD711SH Datasheet
543Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711JRZ AD-AD711JRZ Datasheet
543Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD711 AD-AD711_15 Datasheet
717Kb / 16P
Precision, Low Cost, High Speed, BiFET Op Amp
REV. E
AD712 AD-AD712_15 Datasheet
387Kb / 20P
Precision, Low Cost, High Speed BiFET Dual Op Amp
Rev. H
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com