Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 104 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 104 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 100Page - Dallas Semiconductor DS2155 Datasheet HTML 101Page - Dallas Semiconductor DS2155 Datasheet HTML 102Page - Dallas Semiconductor DS2155 Datasheet HTML 103Page - Dallas Semiconductor DS2155 Datasheet HTML 104Page - Dallas Semiconductor DS2155 Datasheet HTML 105Page - Dallas Semiconductor DS2155 Datasheet HTML 106Page - Dallas Semiconductor DS2155 Datasheet HTML 107Page - Dallas Semiconductor DS2155 Datasheet HTML 108Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 238 page
background image
DS2155
104 of 238
19.
ELASTIC STORES OPERATION
The DS2155 contains dual two-frame elastic stores, one for the receive direction and one for the transmit
direction. Both elastic stores are fully independent. The transmit and receive-side elastic stores can be
enabled/disabled independently of each other. Also, each elastic store can interface to either a 1.544MHz
or 2.048MHz/4.096MHz/8.192MHz/16.384MHz backplane without regard to the backplane rate the other
elastic store is interfacing to.
The elastic stores have two main purposes. Firstly, they can be used for rate conversion. When the
DS2155 is in the T1 mode, the elastic stores can rate-convert the T1 data stream to a 2.048MHz
backplane. In E1 mode, the elastic store can rate-convert the E1 data stream to a 1.544MHz backplane.
Secondly, they can be used to absorb the differences in frequency and phase between the T1 or E1 data
stream and an asynchronous (i.e., not locked) backplane clock, which can be 1.544MHz or 2.048MHz. In
this mode, the elastic stores manage the rate difference and perform controlled slips, deleting or repeating
frames of data in order to manage the difference between the network and the backplane.
The elastic stores can also be used to multiplex T1 or E1 data streams into higher backplane rates, which
is the IBO discussed in Section 28.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com