Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 108 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 108 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 104Page - Dallas Semiconductor DS2155 Datasheet HTML 105Page - Dallas Semiconductor DS2155 Datasheet HTML 106Page - Dallas Semiconductor DS2155 Datasheet HTML 107Page - Dallas Semiconductor DS2155 Datasheet HTML 108Page - Dallas Semiconductor DS2155 Datasheet HTML 109Page - Dallas Semiconductor DS2155 Datasheet HTML 110Page - Dallas Semiconductor DS2155 Datasheet HTML 111Page - Dallas Semiconductor DS2155 Datasheet HTML 112Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 238 page
background image
DS2155
108 of 238
19.2.1 T1 Mode
If the user selects to apply a 2.048MHz clock to the TSYSCLK pin, then the data input at TSER is
ignored every fourth channel. Therefore channels 1, 5, 9, 13, 17, 21, 25, and 29 (time slots 0, 4, 8, 12, 16,
20, 24, and 28) are ignored. The user can supply frame or multiframe sync pulse to the TSSYNC input.
Also, in 2.048MHz applications, the TCHBLK output is forced high during the channels ignored by the
framer.
19.2.2 E1 Mode
A 1.544MHz or 2.048MHz clock can be applied to the TSYSCLK input. The user must supply a frame
sync pulse or a multiframe sync pulse to the TSSYNC input.
19.3 Elastic Stores Initialization
There are two elastic store initializations that can be used to improve performance in certain applications,
elastic store reset and elastic store align. Both of these involve the manipulation of the elastic store’s read
and write pointers and are useful primarily in synchronous applications (RSYSCLK/TSYSCLK are
locked to RCLK/TCLK, respectively) (Table 19-A).
Table 19-A. Elastic Store Delay After Initialization
INITIALIZATION
REGISTER BIT
DELAY
Receive Elastic Store Reset
Transmit Elastic Store Reset
ESCR.2
ESCR.6
8 Clocks < Delay < 1 Frame
1 Frame < Delay < 2 Frames
Receive Elastic Store Align
Transmit Elastic Store Align
ESCR.3
ESCR.7
½ Frame < Delay < 1 ½ Frames
½ Frame < Delay < 1 ½ Frames
19.4 Minimum Delay Mode
Elastic store minimum delay mode can be used when the elastic store’s system clock is locked to its
network clock (i.e., RCLK locked to RSYSCLK for the receive side and TCLK locked to TSYSCLK for
the transmit side). ESCR.5 and ESCR.1 enable the transmit and receive elastic store minimum delay
modes. When enabled, the elastic stores are forced to a maximum depth of 32 bits instead of the normal
two-frame depth. This feature is useful primarily in applications that interface to a 2.048MHz bus.
Certain restrictions apply when minimum delay mode is used. In addition to the restriction mentioned
above, RSYNC must be configured as an output when the receive elastic store is in minimum delay
mode; TSYNC must be configured as an output when transmit minimum delay mode is enabled. In a
typical application, RSYSCLK and TSYSCLK are locked to RCLK, and RSYNC (frame output mode) is
connected to TSSYNC (frame input mode). All of the slip contention logic in the framer is disabled (since
slips cannot occur). On power-up, after the RSYSCLK and TSYSCLK signals have locked to their
respective network clock signals, the elastic store reset bits (ESCR.2 and ESCR.6) should be toggled
from a 0 to a 1 to ensure proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com