Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 127 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 127 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 123Page - Dallas Semiconductor DS2155 Datasheet HTML 124Page - Dallas Semiconductor DS2155 Datasheet HTML 125Page - Dallas Semiconductor DS2155 Datasheet HTML 126Page - Dallas Semiconductor DS2155 Datasheet HTML 127Page - Dallas Semiconductor DS2155 Datasheet HTML 128Page - Dallas Semiconductor DS2155 Datasheet HTML 129Page - Dallas Semiconductor DS2155 Datasheet HTML 130Page - Dallas Semiconductor DS2155 Datasheet HTML 131Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 238 page
background image
DS2155
127 of 238
Table 23-A. HDLC Controller Registers
REGISTER
FUNCTION
CONTROL AND CONFIGURATION
H1TC, HDLC #1 Transmit Control Register
H2TC, HDLC #2 Transmit Control Register
General control over the transmit HDLC
controllers
H1RC, HDLC #1 Receive Control Register
H2RC, HDLC #2 Receive Control Register
General control over the receive HDLC
controllers
H1FC, HDLC #1 FIFO Control Register
H2FC, HDLC #2 FIFO Control Register
Sets high watermark for receiver and low
watermark for transmitter
STATUS AND INFORMATION
SR6, HDLC #1 Status Register
SR7, HDLC #2 Status Register
Key status information for both transmit and
receive directions
IMR6, HDLC #1 Interrupt Mask Register
IMR7, HDLC #2 Interrupt Mask Register
Selects which bits in the status registers (SR7
and SR8) cause interrupts
INFO4, HDLC #1 and #2 Information Register
INFO5, HDLC #1 Information Register
INFO6, HDLC #2 Information Register
Information about HDLC controller
H1RPBA, HDLC #1 Receive Packet Bytes
Available Register
H2RPBA, HDLC #2 Receive Packet Bytes
Available Register
Indicates the number of bytes that can be read
from the receive FIFO
H1TFBA, HDLC #1 Transmit FIFO Buffer
Available Register
H2TFBA, HDLC #2 Transmit FIFO Buffer
Available Register
Indicates the number of bytes that can be
written to the transmit FIFO
MAPPING
H1RCS1, H1RCS2, H1RCS3, H1RCS4, HDLC
#1 Receive Channel Select Registers
H2RCS1, H2RCS2, H2RCS3, H2RCS4, HDLC
#2 Receive Channel Select Registers
Selects which channels are mapped to the
receive HDLC controller
H1RTSBS, HDLC #1 Receive TS/Sa Bit Select
Register
H2RTSBS, HDLC #2 Receive TS/Sa Bit Select
Register
Selects which bits in a channel are used or
which Sa bits are used by the receive HDLC
controller
H1TCS1, H1TCS2, H1TCS3, H1TCS4, HDLC
#1 Transmit Channel Select Registers
H2TCS1, H2TCS2, H2TCS3, H2TCS4, HDLC
#2 Transmit Channel Select Registers
Selects which channels are mapped to the
transmit HDLC controller
H1TTSBS, HDLC # 1 Transmit TS/Sa Bit Select
Register
H2TTSBS, HDLC # 2 Transmit TS/Sa Bit Select
Register
Selects which bits in a channel are used or
which Sa bits are used by the transmit HDLC
controller
FIFOs
H1RF, HDLC #1 Receive FIFO Register
H2RF, HDLC #1 Receive FIFO Register
Access to 128-byte receive FIFO
H1TF, HDLC #1 Transmit FIFO Register
H2TF, HDLC #2 Transmit FIFO Register
Access to 128-byte transmit FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com