Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 128 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 128 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 124Page - Dallas Semiconductor DS2155 Datasheet HTML 125Page - Dallas Semiconductor DS2155 Datasheet HTML 126Page - Dallas Semiconductor DS2155 Datasheet HTML 127Page - Dallas Semiconductor DS2155 Datasheet HTML 128Page - Dallas Semiconductor DS2155 Datasheet HTML 129Page - Dallas Semiconductor DS2155 Datasheet HTML 130Page - Dallas Semiconductor DS2155 Datasheet HTML 131Page - Dallas Semiconductor DS2155 Datasheet HTML 132Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 238 page
background image
DS2155
128 of 238
Register Name:
H1TC, H2TC
Register Description:
HDLC #1 Transmit Control
HDLC #2 Transmit Control
Register Address:
90h, A0h
Bit #
7
6
5
4
3
2
1
0
Name
NOFS
TEOML
THR
THMS
TFS
TEOM
TZSD
TCRCD
Default
0
0
0
0
0
0
0
0
Bit 0/Transmit CRC Defeat (TCRCD). A 2-byte CRC code is automatically appended to the outbound message.
This bit can be used to disable the CRC function.
0 = enable CRC generation (normal operation)
1 = disable CRC generation
Bit 1/Transmit Zero-Stuffer Defeat (TZSD). The zero-stuffer function automatically inserts a 0 in the message
field (between the flags) after five consecutive 1s to prevent the emulation of a flag or abort sequence by the data
pattern. The receiver automatically removes (destuffs) any 0 after five 1s in the message field.
0 = enable the zero stuffer (normal operation)
1 = disable the zero stuffer
Bit 2/Transmit End of Message (TEOM). Should be set to a 1 just before the last data byte of an HDLC packet is
written into the transmit FIFO at HxTF. If not disabled through TCRCD, the transmitter automatically appends a 2-
byte CRC code to the end of the message.
Bit 3/Transmit Flag/Idle Select (TFS). This bit selects the intermessage fill character after the closing and before
the opening flags (7Eh).
0 = 7Eh
1 = FFh
Bit 4/Transmit HDLC Mapping Select (THMS)
0 = transmit HDLC assigned to channels
1 = transmit HDLC assigned to FDL (T1 mode), Sa bits (E1 mode)
Bit 5/Transmit HDLC Reset (THR). Resets the transmit HDLC controller and flushes the transmit FIFO. An
abort followed by 7Eh or FFh flags/idle is transmitted until a new packet is initiated by writing new data into the
FIFO. Must be cleared and set again for a subsequent reset.
0 = normal operation
1 = reset transmit HDLC controller and flush the transmit FIFO
Bit 6/Transmit End of Message and Loop (TEOML). To loop on a message, this bit should be set to a 1 just
before the last data byte of an HDLC packet is written into the transmit FIFO. The message repeats until the user
clears this bit or a new message is written to the transmit FIFO. If the host clears the bit, the looping message
completes, then flags are transmitted until a new message is written to the FIFO. If the host terminates the loop by
writing a new message to the FIFO, the loop terminates, one or two flags are transmitted, and the new message
starts. If not disabled through TCRCD, the transmitter automatically appends a 2-byte CRC code to the end of all
messages. This is useful for transmitting consecutive SS7 FISUs without host intervention.
Bit 7/Number of Flags Select (NOFS)
0 = send one flag between consecutive messages
1 = send two flags between consecutive messages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com