Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 199 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 199 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 195Page - Dallas Semiconductor DS2155 Datasheet HTML 196Page - Dallas Semiconductor DS2155 Datasheet HTML 197Page - Dallas Semiconductor DS2155 Datasheet HTML 198Page - Dallas Semiconductor DS2155 Datasheet HTML 199Page - Dallas Semiconductor DS2155 Datasheet HTML 200Page - Dallas Semiconductor DS2155 Datasheet HTML 201Page - Dallas Semiconductor DS2155 Datasheet HTML 202Page - Dallas Semiconductor DS2155 Datasheet HTML 203Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 199 / 238 page
background image
DS2155
199 of 238
34.
JTAG BOUNDARY SCAN ARCHITECTURE AND TEST ACCESS PORT
34.1 Description
The DS2155 IEEE 1149.1 design supports the standard instruction codes SAMPLE/PRELOAD,
BYPASS, and EXTEST. Optional public instructions included are HIGH-Z, CLAMP, and IDCODE
(Figure 34-1.). The DS2155 contains the following features as required by IEEE 1149.1 standard test
access port (TAP) and boundary scan architecture.
Test Access Port
TAP Controller
Instruction Register
Bypass Register
Boundary Scan Register
Device Identification Register
The DS2155 is pin-compatible with the DS2152, DS21x52 (T1) and DS2154, DS21x54 (E1) SCT
families. The JTAG feature uses pins that had no function in the DS2152 and DS2154. Details about
boundary scan architecture and the TAP are in IEEE 1149.1-1990, IEEE 1149.1a-1993, and IEEE
1149.1b-1994. NOTE: JTAG functionality is production tested at 25C only.
The TAP contains the necessary interface pins JTRST, JTCLK, JTMS, JTDI, and JTDO. See the pin
descriptions in Section 4 for details.
Figure 34-1. JTAG Functional Block Diagram
+V
BOUNDARY SCAN
REGISTER
IDENTIFICATION
REGISTER
BYPASS
REGISTER
INSTRUCTION
REGISTER
JTDI
JTMS
JTCLK
JTRST
JTDO
+V
+V
TEST ACCESS PORT
CONTROLLER
MUX
10kΩ
10kΩ
10kΩ
SELECT
OUTPUT ENABLE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com