Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 201 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 201 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 197Page - Dallas Semiconductor DS2155 Datasheet HTML 198Page - Dallas Semiconductor DS2155 Datasheet HTML 199Page - Dallas Semiconductor DS2155 Datasheet HTML 200Page - Dallas Semiconductor DS2155 Datasheet HTML 201Page - Dallas Semiconductor DS2155 Datasheet HTML 202Page - Dallas Semiconductor DS2155 Datasheet HTML 203Page - Dallas Semiconductor DS2155 Datasheet HTML 204Page - Dallas Semiconductor DS2155 Datasheet HTML 205Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 201 / 238 page
background image
DS2155
201 of 238
Select-IR-Scan
All test registers retain their previous state. The instruction register remains unchanged during this state.
With JTMS LOW, a rising edge on JTCLK moves the controller into the Capture-IR state and initiates a
scan sequence for the instruction register. JTMS HIGH during a rising edge on JTCLK puts the controller
back into the Test-Logic-Reset state.
Capture-IR
The Capture-IR state is used to load the shift register in the instruction register with a fixed value. This
value is loaded on the rising edge of JTCLK. If JTMS is HIGH on the rising edge of JTCLK, the
controller enters the Exit1-IR state. If JTMS is LOW on the rising edge of JTCLK, the controller enters
the Shift-IR state.
Shift-IR
In this state, the shift register in the instruction register is connected between JTDI and JTDO and shifts
data one stage for every rising edge of JTCLK toward the serial output. The parallel register and all test
registers remain at their previous states. A rising edge on JTCLK with JTMS HIGH moves the controller
to the Exit1-IR state. A rising edge on JTCLK with JTMS LOW keeps the controller in the Shift-IR state
while moving data one stage through the instruction shift register.
Exit1-IR
A rising edge on JTCLK with JTMS LOW puts the controller in the Pause-IR state. If JTMS is HIGH on
the rising edge of JTCLK, the controller enters the Update-IR state and terminates the scanning process.
Pause-IR
Shifting of the instruction shift register is halted temporarily. With JTMS HIGH, a rising edge on JTCLK
puts the controller in the Exit2-IR state. The controller remains in the Pause-IR state if JTMS is LOW
during a rising edge on JTCLK.
Exit2-IR
A rising edge on JTCLK with JTMS LOW puts the controller in the Update-IR state. The controller loops
back to Shift-IR if JTMS is HIGH during a rising edge of JTCLK in this state.
Update-IR
The instruction code shifted into the instruction shift register is latched into the parallel output on the
falling edge of JTCLK as the controller enters this state. Once latched, this instruction becomes the
current instruction. A rising edge on JTCLK with JTMS LOW puts the controller in the Run-Test-Idle
state. With JTMS HIGH, the controller enters the Select-DR-Scan state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com