Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 211 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 211 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 207Page - Dallas Semiconductor DS2155 Datasheet HTML 208Page - Dallas Semiconductor DS2155 Datasheet HTML 209Page - Dallas Semiconductor DS2155 Datasheet HTML 210Page - Dallas Semiconductor DS2155 Datasheet HTML 211Page - Dallas Semiconductor DS2155 Datasheet HTML 212Page - Dallas Semiconductor DS2155 Datasheet HTML 213Page - Dallas Semiconductor DS2155 Datasheet HTML 214Page - Dallas Semiconductor DS2155 Datasheet HTML 215Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 238 page
background image
DS2155
211 of 238
Figure 35-7. Transmit-Side ESF Timing
Note 1:
TSYNC in frame mode (IOCR1.2 = 0) and double-wide frame sync is not enabled (IOCR1.3 = 0).
Note 2:
TSYNC in frame mode (IOCR1.2 = 0) and double-wide frame sync is enabled (IOCR1.3 = 1).
Note 3:
TSYNC in multiframe mode (IOCR1.2 = 1).
Note 4:
TLINK data (FDL bits) sampled during the F-bit time of odd frame and inserted into the outgoing T1 stream if enabled through TCR1.2.
Note 5:
ZBTSI mode is enabled (T1TCR2.1 = 1).
Note 6:
TLINK data (Z bits) sampled during the F-bit time of frames 1, 5, 9, 13, 17, and 21 and inserted into the outgoing stream if enabled
through T1TCR1.2.
Figure 35-8. Transmit-Side Boundary Timing (with Elastic Store Disabled)
Note 1:
TSYNC is in the output mode (IOCR1.1 = 1).
Note 2:
TSYNC is in the input mode (IOCR1.1 = 0).
Note 3:
TCHBLK is programmed to block channel 2.
Note 4:
Shown is TLINK/TLCLK in the ESF framing mode.
1
2345
6789 10 11 12
1
2
3
6
TSSYNC
FRAME#
TLCLK
TSYNC
TSYNC
TSYNC
TLINK
13 14 15 16 17 18 19 20 21 22 23 24 1
2345
4
TLCLK
TLINK
5
LSB
F
MSB
LSB MSB
LSB MSB
CHANNEL 1
CHANNEL 2
CHANNEL 1
CHANNEL 2
AB
C/A
D/B
AB
C/A
D/B
TCLK
TSER
TSYNC
TSYNC
TSIG
TCHCLK
TCHBLK
TLCLK
TLINK
D/B
1
2
3
4
DON'T CARE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com