Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 212 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 212 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 208Page - Dallas Semiconductor DS2155 Datasheet HTML 209Page - Dallas Semiconductor DS2155 Datasheet HTML 210Page - Dallas Semiconductor DS2155 Datasheet HTML 211Page - Dallas Semiconductor DS2155 Datasheet HTML 212Page - Dallas Semiconductor DS2155 Datasheet HTML 213Page - Dallas Semiconductor DS2155 Datasheet HTML 214Page - Dallas Semiconductor DS2155 Datasheet HTML 215Page - Dallas Semiconductor DS2155 Datasheet HTML 216Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 212 / 238 page
background image
DS2155
212 of 238
Figure 35-9. Transmit-Side 1.544MHz Boundary Timing (Elastic Store
Enabled)
Note 1:
TCHBLK is programmed to block channel 24 (if the TPCSI bit is set, then the signaling data at TSIG is ignored during channel 24).
Figure 35-10. Transmit-Side 2.048MHz Boundary Timing (Elastic Store
Enabled)
Note 1:
TSER data in channels 1, 5, 9, 13, 17, 21, 25, and 29 is ignored.
Note 2:
TCHBLK is programmed to block channel 31 (if the TPCSI bit is set, then the signaling data at TSIG will be ignored).
Note 3:
TCHBLK is forced to 1 in the same channels as TSER is ignored (see Note 1).
Note 4:
The F-bit position for the T1 frame is sampled and passed through the transmit-side elastic store into the MSB bit position of channel 1.
(Normally, the transmit-side formatter overwrites the F-bit position unless the formatter is programmed to pass through the F-bit
position.)
LSB
F MSB
LSB MSB
CHANNEL 1
CHANNEL 24
AB
C/A D/B
AB
C/A D/B
TSYSCLK
TSER
TSSYNC
TSIG
TCHCLK
TCHBLK
CHANNEL 23
A
CHANNEL 23
CHANNEL 24
CHANNEL 1
1
LSB F
LSB MSB
CHANNEL 1
CHANNEL 32
AB
C/A D/B
AB
C/A D/B
TSYSCLK
TSER
TSSYNC
TSIG
TCHCLK
TCHBLK
CHANNEL 31
A
CHANNEL 31
CHANNEL 32
CHANNEL 1
1
4
2,3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com