Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 227 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 227 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 223Page - Dallas Semiconductor DS2155 Datasheet HTML 224Page - Dallas Semiconductor DS2155 Datasheet HTML 225Page - Dallas Semiconductor DS2155 Datasheet HTML 226Page - Dallas Semiconductor DS2155 Datasheet HTML 227Page - Dallas Semiconductor DS2155 Datasheet HTML 228Page - Dallas Semiconductor DS2155 Datasheet HTML 229Page - Dallas Semiconductor DS2155 Datasheet HTML 230Page - Dallas Semiconductor DS2155 Datasheet HTML 231Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 238 page
background image
DS2155
227 of 238
37.2 Nonmultiplexed Bus AC Characteristics
AC CHARACTERISTICS: NONMULTIPLEXED PARALLEL PORT (MUX = 0)
(Figure 37-4, Figure 37-5, Figure 37-6, and Figure 37-7)
(VDD = 3.3V ±5%, TA = 0°C to +70°C for DS2155L; VDD = 3.3V ±5%, TA = -40°C to +85°C; for DS2155LN.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Setup Time for A0 to A7, Valid to CS
Active
t1
0
ns
Setup Time for CS Active to Either RD,
WR, or DS Active
t2
0
ns
Delay Time from Either RD or DS Active
to Data Valid
t3
75
ns
Hold Time from Either RD, WR, or DS
Inactive to CS Inactive
t4
0
ns
Hold Time from CS Inactive to Data Bus
Tri-State
t5
5
20
ns
Wait Time from Either WR or DS Active
to Latch Data
t6
75
ns
Data Setup Time to Either WR or DS
Inactive
t7
10
ns
Data Hold Time from Either WR or DS
Inactive
t8
10
ns
Address Hold from Either WR or DS
Inactive
t9
10
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com