Electronic Components Datasheet Search
  English  ▼

X  

DS2155 Datasheet(PDF) 230 Page - Dallas Semiconductor

Part # DS2155
Description  T1/E1/J1 Single-Chip Transceiver
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2155 Datasheet(HTML) 230 Page - Dallas Semiconductor

Back Button DS2155 Datasheet HTML 226Page - Dallas Semiconductor DS2155 Datasheet HTML 227Page - Dallas Semiconductor DS2155 Datasheet HTML 228Page - Dallas Semiconductor DS2155 Datasheet HTML 229Page - Dallas Semiconductor DS2155 Datasheet HTML 230Page - Dallas Semiconductor DS2155 Datasheet HTML 231Page - Dallas Semiconductor DS2155 Datasheet HTML 232Page - Dallas Semiconductor DS2155 Datasheet HTML 233Page - Dallas Semiconductor DS2155 Datasheet HTML 234Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 238 page
background image
DS2155
230 of 238
37.3 Receive-Side AC Characteristics
AC CHARACTERISTICS: RECEIVE SIDE
(Figure 37-8., Figure 37-9, and Figure 37-10)
(VDD = 3.3V ±5%, TA = 0°C to +70°C for DS2155L; VDD = 3.3V ±5%, TA = -40°C to +85°C for DS2155LN.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
488 (E1)
RCLKO Period
tLP
648 (T1)
ns
tLH
(Note 1)
200
0.5 tLP
RCLKO Pulse Width
tLL
(Note 1)
200
0.5 tLP
ns
tLH
(Note 2)
150
0.5 tLP
RCLKO Pulse Width
tLL
(Note 2)
150
0.5 tLP
ns
488 (E1)
RCLKI Period
tCP
648 (T1)
ns
tCH
20
0.5 tCP
RCLKI Pulse Width
tCL
20
0.5 tCP
ns
(Note 3)
648
(Note 4)
488
ns
(Note 5)
244
ns
(Note 6)
122
RSYSCLK Period
tSP
(Note 7)
61
tSH
20
0.5 tSP
ns
RSYSCLK Pulse Width
tSL
20
0.5 tSP
ns
RSYNC Setup to RSYSCLK Falling
tSU
20
ns
RSYNC Pulse Width
tPW
50
ns
RPOSI/RNEGI Setup to RCLKI Falling
tSU
20
ns
RPOSI/RNEGI Hold From RCLKI
Falling
tHD
20
ns
RSYSCLK, RCLKI Rise and Fall Times
tR, tF
22
ns
Delay RCLKO to RPOSO, RNEGO Valid
tDD
50
ns
Delay RCLK to RSER, RDATA, RSIG,
RLINK Valid
tD1
50
ns
Delay RCLK to RCHCLK, RSYNC,
RCHBLK, RFSYNC, RLCLK
tD2
50
ns
Delay RSYSCLK to RSER, RSIG Valid
tD3
22
ns
Delay RSYSCLK to RCHCLK,
RCHBLK, RMSYNC, RSYNC
tD4
22
ns
Note 1:
Jitter attenuator enabled in the receive path.
Note 2:
Jitter attenuator disabled or enabled in the transmit path.
Note 3:
RSYSCLK = 1.544MHz
Note 4:
RSYSCLK = 2.048MHz
Note 5:
RSYSCLK = 4.096MHz
Note 6:
RSYSCLK = 8.192MHz
Note 7:
RSYSCLK = 16.384MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com