Electronic Components Datasheet Search
  English  ▼

X  

PT2256VL Datasheet(PDF) 4 Page - Princeton Technology Corp

Part # PT2256VL
Description  Electronic Volume Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2256VL Datasheet(HTML) 4 Page - Princeton Technology Corp

  PT2256VL Datasheet HTML 1Page - Princeton Technology Corp PT2256VL Datasheet HTML 2Page - Princeton Technology Corp PT2256VL Datasheet HTML 3Page - Princeton Technology Corp PT2256VL Datasheet HTML 4Page - Princeton Technology Corp PT2256VL Datasheet HTML 5Page - Princeton Technology Corp PT2256VL Datasheet HTML 6Page - Princeton Technology Corp PT2256VL Datasheet HTML 7Page - Princeton Technology Corp PT2256VL Datasheet HTML 8Page - Princeton Technology Corp PT2256VL Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2256V V1.2
- 4 -
August, 2006
Electronic Volume Controller IC
PT2256V
FUNCTION DESCRIPTION
ATTENUATION
The PT2256V volume control circuit consists of ladder resistors and analog switches. The Tap for
loudness function is connected to the Step 10 (-20dB). When the (3.9KΩ) resistor is connected
between LT and AGND pins, the attenuation is given in table below.
The equivalent circuit is shown below:
Step
Attenuation
(dB)
Step
Attenuation
(dB)
0
0
16
-32
1
-2
17
-34
2
-4
18
-36
3
-6
19
-38
4
-8
20
-40
5
-10
21
-42
6
-12
22
-46
7
-14
23
-50
8
-16
24
-54
9
-18
25
-58
10
-20
26
-62
11
-22
27
-66
12
-24
28
-70
13
-26
29
-74
14
-28
30
-78
15
-30
31
∞
OUT
IN
LT
AGND
Step 0
Step 1
Step 9
Step 10
Step 11
Step 31
Step 30
29K
Ω
22K
Ω
Step 2
Note:
1. Step 22 has an initial value of -46dB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com