Electronic Components Datasheet Search
  English  ▼

X  

PT2256VL Datasheet(PDF) 14 Page - Princeton Technology Corp

Part # PT2256VL
Description  Electronic Volume Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2256VL Datasheet(HTML) 14 Page - Princeton Technology Corp

Back Button PT2256VL Datasheet HTML 10Page - Princeton Technology Corp PT2256VL Datasheet HTML 11Page - Princeton Technology Corp PT2256VL Datasheet HTML 12Page - Princeton Technology Corp PT2256VL Datasheet HTML 13Page - Princeton Technology Corp PT2256VL Datasheet HTML 14Page - Princeton Technology Corp PT2256VL Datasheet HTML 15Page - Princeton Technology Corp PT2256VL Datasheet HTML 16Page - Princeton Technology Corp PT2256VL Datasheet HTML 17Page - Princeton Technology Corp PT2256VL Datasheet HTML 18Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2256V V1.2
- 14 -
August, 2006
Electronic Volume Controller IC
PT2256V
Symbol
Min.
Nom.
Max.
A
-
-
0.210
A1
0.015
-
-
A2
0.115
0.130
0.195
b
0.014
0.018
0.022
b1
0.014
0.018
0.020
b2
0.045
0.060
0.070
b3
0.030
0.039
0.045
c
0.008
0.010
0.014
c1
0.008
0.010
0.011
D
0.780
0.790
0.800
D1
0.005
-
-
E
0.300
0.310
0.325
E1
0.240
0.250
0.280
e
0.100 bsc
eA
0.300 bsc
eB
-
-
0.430
eC
0.000
-
0.060
L
0.115
0.130
0.150
Notes:
1.
All dimensions are in INCHES.
2.
Dimensioning and tolerancing per ANSI Y14.5M-1982.
3.
Dimensions “A”, “A1” and “L” are measured with the package seated in JEDEC
Seating Plane Gauge GS-3.
4.
“D”, “D1” and “E1” dimensions do not include mold flash or protrusions. Mold flash or
protrusions shall not exceed 0.010 inch.
5.
“E” and “eA” measured with the leads constrained to be perpendicular to datum -c-.
“eB” and “eC” are measured at the lead tips with the loads unconstrained.
6.
“N” is the number of terminal positions. (N=16)
7.
Pointed or rounded lead tips are preferred to ease insertion.
8.
“b2” and “b3” maximum dimensions are not include dambar protrusions. Dambar
protrusions shall not exceed 0.010 inch (0.25 mm).
9.
Distance between leads including Dambar protrusions to be 0.005 inch minimum.
10.
Datum plane -H- coincident with the bottom of lead, where lead exits body.
11.
Refer to JEDEC MS-001 Variation AB.
JEDEC is the trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com