Electronic Components Datasheet Search
  English  ▼

X  

PT2256VL Datasheet(PDF) 11 Page - Princeton Technology Corp

Part # PT2256VL
Description  Electronic Volume Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2256VL Datasheet(HTML) 11 Page - Princeton Technology Corp

Back Button PT2256VL Datasheet HTML 7Page - Princeton Technology Corp PT2256VL Datasheet HTML 8Page - Princeton Technology Corp PT2256VL Datasheet HTML 9Page - Princeton Technology Corp PT2256VL Datasheet HTML 10Page - Princeton Technology Corp PT2256VL Datasheet HTML 11Page - Princeton Technology Corp PT2256VL Datasheet HTML 12Page - Princeton Technology Corp PT2256VL Datasheet HTML 13Page - Princeton Technology Corp PT2256VL Datasheet HTML 14Page - Princeton Technology Corp PT2256VL Datasheet HTML 15Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2256V V1.2
- 11 -
August, 2006
Electronic Volume Controller IC
PT2256V
INCLUDING LOUDNESS BUT NO BACKUP CIRCUIT
L-Ch Output
R-Ch Output
R-Ch Input
L-Ch Input
Rx
Cx
VSS
OUT1
IN1
LT1
AGND
/UP
/DN
OSC
VDD
OUT2
IN2
LT3
AGND
DCO
/INH
/RST
PT2256V
100K
820
Ω
10 F
µ
10 F
µ
UP Key
Down Key
0.1 F
µ
10 F
µ
10 F
µ
0.1 F
µ
10K
10K
100 F
µ
VDD (4.5 to 11V)
+
+
+
+
+
+
820
Ω
0.1 F
µ
8.2nF
8.2nF
820
Ω
820
Ω
0.1 F
µ
Notes:
1. Modifying the values of Rx and Cx affects the Oscillator Frequency of the IC. If the Fosc value is big,
then the volume control change is fast. Likewise, if the Fosc value is small, the volume control
change is slow. It is suggested that Rx= 33K, Cx=2.2µF.
2. The table for the Rx, Cx and Fosc values are given below.
Rx
Cx
Fosc
Rx
Cx
Fosc
33K
1.0µF
34.1Hz
33K
1.0µF
34.1Hz
33K
2.2µF
17.8Hz
51K
1.0µF
22.7Hz
33K
10µF
3.4Hz
100K
1.0µF
11.8Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com