Electronic Components Datasheet Search
  English  ▼

X  

PT2256VL Datasheet(PDF) 12 Page - Princeton Technology Corp

Part # PT2256VL
Description  Electronic Volume Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2256VL Datasheet(HTML) 12 Page - Princeton Technology Corp

Back Button PT2256VL Datasheet HTML 8Page - Princeton Technology Corp PT2256VL Datasheet HTML 9Page - Princeton Technology Corp PT2256VL Datasheet HTML 10Page - Princeton Technology Corp PT2256VL Datasheet HTML 11Page - Princeton Technology Corp PT2256VL Datasheet HTML 12Page - Princeton Technology Corp PT2256VL Datasheet HTML 13Page - Princeton Technology Corp PT2256VL Datasheet HTML 14Page - Princeton Technology Corp PT2256VL Datasheet HTML 15Page - Princeton Technology Corp PT2256VL Datasheet HTML 16Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2256V V1.2
- 12 -
August, 2006
Electronic Volume Controller IC
PT2256V
ORDER INFORMATION
Part Number
Package
Top Code
PT2256V
16 Pins, DIP, 300mil
PT2256V
PT2256V-S
16 Pins, SOP, 300mil
PT2256V-S
PT2256V-SN
16 Pins, SOP, 150mil
PT2256V-SN
PT2256V (L)
16 Pins, DIP, 300mil
PT2256V
PT2256V-S (L)
16 Pins, SOP, 300mil
PT2256V-S
PT2256V-SN (L)
16 Pins, SOP, 150mil
PT2256V-SN
Notes:
1. (L), (C) or (S) = Lead Free
2. The Lead Free mark is put in front of the date code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com