Electronic Components Datasheet Search
  English  ▼

X  

PT2256VL Datasheet(PDF) 16 Page - Princeton Technology Corp

Part # PT2256VL
Description  Electronic Volume Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2256VL Datasheet(HTML) 16 Page - Princeton Technology Corp

Back Button PT2256VL Datasheet HTML 11Page - Princeton Technology Corp PT2256VL Datasheet HTML 12Page - Princeton Technology Corp PT2256VL Datasheet HTML 13Page - Princeton Technology Corp PT2256VL Datasheet HTML 14Page - Princeton Technology Corp PT2256VL Datasheet HTML 15Page - Princeton Technology Corp PT2256VL Datasheet HTML 16Page - Princeton Technology Corp PT2256VL Datasheet HTML 17Page - Princeton Technology Corp PT2256VL Datasheet HTML 18Page - Princeton Technology Corp PT2256VL Datasheet HTML 19Page - Princeton Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2256V V1.2
- 16 -
August, 2006
Electronic Volume Controller IC
PT2256V
Notes:
1.
Dimensioning and tolerancing per ANSI Y14.5M-1982.
2.
Dimension “D” does not include mold flash, protrusions or gate burrs. Mold Flash,
protrusion or gate burrs shall not exceed 0.15 mm (0.006 in) per side.
3.
Dimension “E” does not include interlead flash or protrusions. Interlead flash or
protrusions shall not exceed 0.25 mm (0.010 in) per side.
4.
The chamfer on the body is optional. It is not present, a visual index feature must be
located within the crosshatched area.
5.
“L” is the length of the terminal for soldering to a substrate.
6.
N is the number of the terminal positions (N=16)
7.
The lead width “B” as measured 0.36 mm (0.014 in) or greater above the seating
plane, shall not exceed a maximum value of 0.61 mm (0.24 in).
8.
Controlling dimension : MILLIMETER.
9.
Refer to JEDEC MS-013, Variation AA.
JEDEC is the trademark of JEDEC SOLID STATE TECHNOLOGY ASSOCIATION.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com