Electronic Components Datasheet Search
  English  ▼

X  

PT2256VL Datasheet(PDF) 9 Page - Princeton Technology Corp

Part # PT2256VL
Description  Electronic Volume Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2256VL Datasheet(HTML) 9 Page - Princeton Technology Corp

Back Button PT2256VL Datasheet HTML 5Page - Princeton Technology Corp PT2256VL Datasheet HTML 6Page - Princeton Technology Corp PT2256VL Datasheet HTML 7Page - Princeton Technology Corp PT2256VL Datasheet HTML 8Page - Princeton Technology Corp PT2256VL Datasheet HTML 9Page - Princeton Technology Corp PT2256VL Datasheet HTML 10Page - Princeton Technology Corp PT2256VL Datasheet HTML 11Page - Princeton Technology Corp PT2256VL Datasheet HTML 12Page - Princeton Technology Corp PT2256VL Datasheet HTML 13Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2256V V1.2
- 9 -
August, 2006
Electronic Volume Controller IC
PT2256V
ELECTRICAL CHARACTERISTICS
(Unless otherwise specified, Ta=25℃, VDD=9V)
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Operating Supply Voltage
VDD
4.5
9.0
11
V
Operating Supply Current
IDD
No Load, FOSC=20Hz
-
0.3
1.0
mA
Stand-by Current
ISB
OSC=0V, /INH=0V
-
0.3
10
µA
Backup Voltage
VOD
2.0
-
11
V
Backup Current
IOD
/INH Pin=0V
-
0.1
1.0
µA
/UP, /DN, /RST
0.7VDD
-
VDD
High Level Input Voltage
VIH
/INH
0.8VDD
-
VDD
V
/UP, /DN, /RST
0
-
0.3VDD
Low Level Input Voltage
VIL
/INH
0
-
0.7VDD
V
Between IN~AGND Resistor
45
54
75
Between IN~LT Resistor
26
29
45
Voltage Resistor
RVR
Between LT~AGND Resistor
19
22
32
KΩ
High Level Input Current
IIH
/INH Input Pin, VIL=VDD
-1
-
1
mA
Low Level Input Current
IIL
/INH Input Pin, VIN=0V
-1
-
1
mA
Pull-up Resistor
Rup
/UP, /DN, /RST Input Pin
50
70
100
KΩ
Analog Switch ON
Resistor
RON
When 0dB, Between
IN1~OUT1 and IN2~OUT2
Resistor
-
400
500
Ω
Attenuation Error
△
ATT Test Attenuation Value
-
0
±2.0
dB
Balance between Left and
Right
△
RVR Volume Resistor Error
between Left and Right
-
0
±3.0
%
Total Harmonic Distortion
THD
0dB
-
0.01
-
%
Maximum Attenuation
ATTMAX
∞dB
-
90
-
dB
Cross Noise
CT
0dB
-
90
-
dB
Output Noise
VN
FIN=1KHz,
VIN=1Vrms,
RL=100KΩ,
Rg=600Ω
0dB
-
-100
-
dB
OSC Frequency
FOSC
CX=2.2µf, Rx=33KΩ
-
18
-
Hz
Output Resistance
ROUT
FIN=1KHz, VIN=1Vrms,
Volume Control=0dB
550
650
750
Ω
Maximum Input Amplitude
VIN
FIN=1KHz,
Volume
Control=0dB,
THD<0.08%
VDD=9V
-
-
3.5
Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com