Electronic Components Datasheet Search
  English  ▼

X  

PT2256VL Datasheet(PDF) 1 Page - Princeton Technology Corp

Part # PT2256VL
Description  Electronic Volume Controller IC
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PTC [Princeton Technology Corp]
Direct Link  http://www.princeton.com.tw
Logo PTC - Princeton Technology Corp

PT2256VL Datasheet(HTML) 1 Page - Princeton Technology Corp

  PT2256VL Datasheet HTML 1Page - Princeton Technology Corp PT2256VL Datasheet HTML 2Page - Princeton Technology Corp PT2256VL Datasheet HTML 3Page - Princeton Technology Corp PT2256VL Datasheet HTML 4Page - Princeton Technology Corp PT2256VL Datasheet HTML 5Page - Princeton Technology Corp PT2256VL Datasheet HTML 6Page - Princeton Technology Corp PT2256VL Datasheet HTML 7Page - Princeton Technology Corp PT2256VL Datasheet HTML 8Page - Princeton Technology Corp PT2256VL Datasheet HTML 9Page - Princeton Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
Tel:886-2-66296288
Fax:886-2-29174598
URL:http://www.princeton.com.tw
PT2256V V1.2
- 1 -
August, 2006
Electronic Volume Controller IC
PT2256V
DESCRIPTION
PT2256V is an electronic volume controller IC utilizing CMOS Technology specially designed for use
on audio equipment. It has 2 built-in channels making it ideally suitable for mono and stereo sound
applications. PT2256V provides the Loudness Function, a wide frequency response range and a very
low total harmonic distortion, thereby guaranteeing a highly effective and reliable performance. It is
housed in 16-pin DIP or SOP and is functionally compatible with TC9235P. Pin assignments and
application circuit are optimized for low cost advantages and easy PCB Layout.
FEATURES
• CMOS Technology
• Low Power Consumption
• Wide Operation Voltage Range: VDD=4.5 ~ 11V
• Least External Components
• 2 Channels in the same chip
• 0dB to -78dB Attenuation can be controlled by UP and Down Pin
• 20dB Tap for Loudness Circuit
• Built-in DC Output Circuit (8 levels) for Volume Level Metering
• Wide Frequency Response Range
• Low Total Harmonic Distortion
• Available in 16 pins DIP or SOP
APPLICATION
• Audio Equipment Volume Control


Similar Part No. - PT2256VL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
Electronic Volume Controller IC??????
PT2256 PTC-PT2256 Datasheet
394Kb / 21P
Electronic Volume Controller IC
PT2256-S PTC-PT2256-S Datasheet
70Kb / 4P
Electronic Volume Controller IC??????
PT2256-S PTC-PT2256-S Datasheet
394Kb / 21P
Electronic Volume Controller IC
PT2256-SL PTC-PT2256-SL Datasheet
394Kb / 21P
Electronic Volume Controller IC
More results

Similar Description - PT2256VL

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT2253A PTC-PT2253A Datasheet
91Kb / 6P
Electronic Volume Controller IC
PT2253B PTC-PT2253B Datasheet
130Kb / 7P
Electronic Volume Controller IC?
PT2254A PTC-PT2254A Datasheet
117Kb / 7P
Electronic Volume Controller IC???
PT2255A PTC-PT2255A Datasheet
185Kb / 5P
Electronic Volume Controller IC????
PT2256 PTC-PT2256 Datasheet
70Kb / 4P
Electronic Volume Controller IC??????
PT2257 PTC-PT2257 Datasheet
25Kb / 2P
Electronic Volume Controller IC??????
PT2256 PTC-PT2256_07 Datasheet
394Kb / 21P
Electronic Volume Controller IC
PT2257 PTC-PT2257_07 Datasheet
352Kb / 20P
Electronic Volume Controller IC
PT2253A PTC-PT2253A_05 Datasheet
551Kb / 20P
Electronic Volume Controller IC
PT2257 PTC-PT2257_08 Datasheet
296Kb / 16P
Electronic Volume Controller IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com