Electronic Components Datasheet Search
  English  ▼

X  

AM462 Datasheet(PDF) 18 Page - Analog Microelectronics

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM462 Datasheet(HTML) 18 Page - Analog Microelectronics

Back Button AM462 Datasheet HTML 12Page - Analog Microelectronics AM462 Datasheet HTML 13Page - Analog Microelectronics AM462 Datasheet HTML 14Page - Analog Microelectronics AM462 Datasheet HTML 15Page - Analog Microelectronics AM462 Datasheet HTML 16Page - Analog Microelectronics AM462 Datasheet HTML 17Page - Analog Microelectronics AM462 Datasheet HTML 18Page - Analog Microelectronics AM462 Datasheet HTML 19Page - Analog Microelectronics AM462 Datasheet HTML 20Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
analog microelectronics
December2006
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 - 0
18/20
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.4
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
EXAMPLE APPLICATIONS
• Application as a voltage-to-current converter IC
• Converting a 0.5...4.5V sensor (voltage) signal
• Configuration as a peripheral processor IC [2]
AM462
6...35V
0/4...20mA
V
IN = 0... 1, 0.. .5V
... and other
Protection against
short circuiting and
reverse polarity
Figure 12:
Application as a current converter IC
AM462
6...35V
4...20mA
Protection against
short circuiting
and reverse polarity
V
REF = 5/10V
V
OUT = 0.5...4.5V
Sensor
Figure 13:
Converting a 0.5...4.5V sensor signal
µP
V
REF = 5V
V
CVR EF = 3.3V
AM462
6...35V
0/4...20mA
Protection against
short circuiting and
reverse polarity
DAC
Figure 14:
Configuration as a peripheral processor IC and supply unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com