Electronic Components Datasheet Search
  English  ▼

X  

AM462 Datasheet(PDF) 17 Page - Analog Microelectronics

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM462 Datasheet(HTML) 17 Page - Analog Microelectronics

Back Button AM462 Datasheet HTML 12Page - Analog Microelectronics AM462 Datasheet HTML 13Page - Analog Microelectronics AM462 Datasheet HTML 14Page - Analog Microelectronics AM462 Datasheet HTML 15Page - Analog Microelectronics AM462 Datasheet HTML 16Page - Analog Microelectronics AM462 Datasheet HTML 17Page - Analog Microelectronics AM462 Datasheet HTML 18Page - Analog Microelectronics AM462 Datasheet HTML 19Page - Analog Microelectronics AM462 Datasheet HTML 20Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
analog microelectronics
December2006
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 - 0
17/20
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.4
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
BLOCK DIAGRAM AND PINOUT
VREF
SET
OUTAD
INDAI
GND
VSET
INN
INP
IOUT
RS+
VCC
CVREF
CVSET
V
BG
4
3
14
11
10
8
16
V
I
13
15
Voltage Reference
1
6
OP1
5
2
AM462
OP2
RS-
9
Figure 10:
Block diagram of AM462
PIN
NAME
EXPLANATION
1
CVREF
Current/Voltage reference
2
CVSET
Current/Voltage reference set
3
INP
Positive input
4
INN
Negative input
5
OUTAD
System amplification output
6
INDAI
Current output stage input
7
N.C.
Not connected
8
IOUT
Current output
9
RS–
Sensing resistor -
10
VCC
Supply voltage
11
RS+
Sensing resistor +
12
N.C.
Not connected
13
VSET
Reference voltage source set
14
GND
IC ground
15
VREF
Reference voltage source output
16
SET
Output offset current set
Table 1:
AM462 Pin out
1
16
2
15
3
14
4
13
5
12
6
11
7
10
89
CVREF
CVSET
INP
INN
OUTAD
INDAI
N.C.
IOUT
SET
VREF
GND
VSET
N.C.
RS+
VCC
RS-
Figure 11:
AM462 Pin out



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com