Electronic Components Datasheet Search
  English  ▼

X  

AM462 Datasheet(PDF) 11 Page - Analog Microelectronics

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM462 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button AM462 Datasheet HTML 7Page - Analog Microelectronics AM462 Datasheet HTML 8Page - Analog Microelectronics AM462 Datasheet HTML 9Page - Analog Microelectronics AM462 Datasheet HTML 10Page - Analog Microelectronics AM462 Datasheet HTML 11Page - Analog Microelectronics AM462 Datasheet HTML 12Page - Analog Microelectronics AM462 Datasheet HTML 13Page - Analog Microelectronics AM462 Datasheet HTML 14Page - Analog Microelectronics AM462 Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
analog microelectronics
December2006
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 - 0
11/20
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.4
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
Using OP2 as a voltage reference
In addition to the integrated voltage reference OP2 can also be used to supply voltage to external
components, such as A/D converters and microprocessors, for example. Lower voltages can be
generated (e.g. 3.3V) which with the increasing miniaturization of devices and need for ever lower
levels of power dissipation in digital components is today of growing importance.
The additional operational amplifier OP2 can easily be connected up as a voltage reference. Using
the circuit in Figure 6 the following applies:


+
=


+
=
7
6
7
6
1
V
27
.
1
1
R
R
R
R
V
V
BG
CVREF
(9)
Example : OP2 as voltage reference
A voltage of VCVREF = 3.3V is to be set. Using Equation 9 the following ratio is calculated for
external resistors R6 and R7:
6
,
1
1
6
,
2
1
7
6
=
−
≈
−
=
BG
CVREF
V
V
R
R
The following example values are produced for the resistors:
R7 = 10kΩ
R6 = 16kΩ
V
BG
AM462
OP2
1
OP2 connected as
voltage reference
2
V
CVREF
R
6
R
7
µP
Figure 6:
Using OP2 as a voltage reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com