Electronic Components Datasheet Search
  English  ▼

X  

AM462 Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM462 Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AM462 Datasheet HTML 6Page - Analog Microelectronics AM462 Datasheet HTML 7Page - Analog Microelectronics AM462 Datasheet HTML 8Page - Analog Microelectronics AM462 Datasheet HTML 9Page - Analog Microelectronics AM462 Datasheet HTML 10Page - Analog Microelectronics AM462 Datasheet HTML 11Page - Analog Microelectronics AM462 Datasheet HTML 12Page - Analog Microelectronics AM462 Datasheet HTML 13Page - Analog Microelectronics AM462 Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
analog microelectronics
December2006
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 - 0
10/20
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.4
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
The working range resulting from Equation 6 is described in Figure 4. Example calculations and
typical values for the external components can be found in the example applications from page 13
onwards.
Using OP2 as a current source
The additional operational amplifier OP2 can easily be connected up as a constant current source.
Using the circuit in Figure 5 the following applies:
Example : OP2 as courrent source
SET
SET
BG
S
R
R
V
I
V
27
.
1
=
=
(8)
The bridge symbol represents the component to be supplied with current (e.g. a piezoresistive
sensing element or temperature sensor).
A supply current of IS = 1mA is to be set. Using Equation 8 the following value is calculated for
external resistor RSET, which in turn stipulates the size of the current:
Ω
=
=
=
k
27
.
1
mA
1
V
27
.
1
S
BG
SET
I
V
R
V
BG
AM462
OP2
1
R
SET
OP2 connected as
current source
2
I
S
Figure 5: Using OP2 as a constant current source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com