Electronic Components Datasheet Search
  English  ▼

X  

AM462 Datasheet(PDF) 3 Page - Analog Microelectronics

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM462 Datasheet(HTML) 3 Page - Analog Microelectronics

  AM462 Datasheet HTML 1Page - Analog Microelectronics AM462 Datasheet HTML 2Page - Analog Microelectronics AM462 Datasheet HTML 3Page - Analog Microelectronics AM462 Datasheet HTML 4Page - Analog Microelectronics AM462 Datasheet HTML 5Page - Analog Microelectronics AM462 Datasheet HTML 6Page - Analog Microelectronics AM462 Datasheet HTML 7Page - Analog Microelectronics AM462 Datasheet HTML 8Page - Analog Microelectronics AM462 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
analog microelectronics
December2006
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 - 0
3/20
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.4
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
FEATURES
• Supply voltage: 6...35V
• Wide working temperature range:
–40°C...+85°C
• Adjustable integrated reference voltage
source: 4.5 to 10V
• Additional voltage/current source
• Adjustable amplification
• Adjustable offset
• Industrial current output (e.g.
0/4...20mA)
• Protection against reverse polarity
• Short-circuit protection
• Output current limitation
• Low-cost device: replaces a number of
discrete elements
• 2- and 3-wire operation
• Individually configurable function
modules
• RoHS compilant
GENERAL DESCRIPTION
AM462 is a universal V/I converter and
amplifier IC with a number of additional
functions. The IC basically consists of an
amplifier, whose gain can be set externally,
and an output stage which can convert voltage
signals referenced to ground to industrial
current signals. An additional reference
voltage source for the supply of external
components is also included in the device. A
further operational amplifier can be connected
up as a current source, voltage reference or
comparator.
One of the main features of the IC is its
integrated protective circuitry. The device is
protected against reverse polarity and has a
built-in output current limit. Converter IC
AM462 enables industrial current loop signals
(e.g. of 0/4–20mA) to be produced relatively
easily.
Using the Frame ASIC concept [1] the IC can
be connected up to a processor for signal
correction.
BLOCK DIAGRAM
Figure 1: Block diagram of AM462 (individually configurable function modules)
VREF
SET
OUTAD
INDAI
GND
VSET
INN
INP
IOUT
RS+
VCC
CVREF
CVSET
V
BG
4
3
14
11
10
8
16
V
I
13
15
Voltage Reference
1
6
OP1
5
2
AM462
OP2
RS-
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com