Electronic Components Datasheet Search
  English  ▼

X  

AM462 Datasheet(PDF) 15 Page - Analog Microelectronics

Part # AM462
Description  Industrial V/I Converter and Protector IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AM462 Datasheet(HTML) 15 Page - Analog Microelectronics

Back Button AM462 Datasheet HTML 11Page - Analog Microelectronics AM462 Datasheet HTML 12Page - Analog Microelectronics AM462 Datasheet HTML 13Page - Analog Microelectronics AM462 Datasheet HTML 14Page - Analog Microelectronics AM462 Datasheet HTML 15Page - Analog Microelectronics AM462 Datasheet HTML 16Page - Analog Microelectronics AM462 Datasheet HTML 17Page - Analog Microelectronics AM462 Datasheet HTML 18Page - Analog Microelectronics AM462 Datasheet HTML 19Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
Industrial V/I Converter and Protector IC
AM462
analog microelectronics
December2006
Analog Microelectronics GmbH
Phone: +49 (0)6131/91 073 - 0
15/20
An der Fahrt 13, D – 55124 Mainz
Fax:
+49 (0)6131/91 073 – 30
Rev. 2.4
Internet: http://www.analogmicro.de
Email:
info@analogmicro.de
Application for an input signal with an offset
It is not uncommon for input signals to have an offset (e.g. of 0.5...4.5V or 1...6V). For signals such
as these an offset current is generated at the IC output also when ISET = 0. The circuit can then be
dimensioned as described in the following.
According to Equation 2 the following applies for a required current swing at the output of
∆IOUT = IOUTmax – IOUTmin:
0
6
8R
V
I
PIN
OUT
∆
=
∆
⇒
OUT
PIN
I
R
V
∆
=
∆
0
6
8
(10)
For an input current swing of
∆VIN = VINmax – VINmin the necessary gain is calculated as:
IN
PIN
V
V
G
∆
∆
=
6
(11)
If G < 1, the input signal can be routed directly to pin 6 (INDAI) via a voltage divider without OP1
having to be used (see Figure 9). With this circuitry the following results:
9
8
9
6
R
R
R
V
V
G
IN
PIN
+
=
∆
∆
=
⇒
1
6
9
8
−
∆
∆
=
PIN
IN
V
V
R
R
(12)
From input offset VINmin the following output current is then obtained when ISET = 0:
()
0
9
8
9
min
min
8
1
R
R
R
R
V
V
I
IN
IN
OUT
⋅
+
⋅
=
(13)
Using the SET pin and Equation 2 the required minimum output current IOUTmin can then be set:
SET
IN
OUT
I
R
R
R
R
V
I
+
⋅
+
⋅
=
0
9
8
9
8
1
with
4
3
4
0
2
R
R
R
R
V
I
REF
SET
+
⋅
=
(14)
Example : 4..20mA Voltage-To-Current Transmitter with Input Signal Offset
To obtain a signal of VIN = 0.5...4.5V the external components are to be dimensioned in such a way
that the output current has a range of 4...20mA. The circuitry is shown in Figure 9. OP1 is not used
here. It is, however, available to the user as an additional OP and can be used as an impedance
converter at the voltage-to-current converter input INDAI, for example.
With reference to Equation 10 and with R0 = 27Ω, a voltage swing is obtained at pin 6 of:
V
456
.
3
mA
16
27
8
8
0
6
=
⋅
Ω
⋅
=
∆
=
∆
OUT
PIN
I
R
V
Using Equation 12 the following applies:
157
.
0
V
456
.
3
V
456
.
3
V
4
6
6
9
8
≈
−
=
∆
∆
−
∆
=
PIN
PIN
IN
V
V
V
R
R
⇒
8
9
35
.
6
R
R
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com